PART |
Description |
Maker |
M74HC20 M74HC20RM13TR M74HC20TTR M74HC20B1R M74HC2 |
DUAL 4-INPUT NAND GATE DUAL 4-INPUT NAND GATE 10-Bit, 3 or 9 us DAC, Serial Input, Pgrmable Settling Time/Pwr Consumption, Ultra Low Power 8-MSOP 0 to 70
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
207 208 252 239 250 230 248 256 237 253 242 238 20 |
Low-Frequency Dual EconOscillator Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN Evaluation Kit for the MAX2251 5 Volt and 3.3 Volt MicroMonitor Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier 1-Wire Parasite-Power Digital Thermometer Econ-Digital Thermometer and Thermostat 3.3V EconoReset with Open Drain Output Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface Interface IC Pin Switch Drivers
|
New England Microwave Corp.
|
ISL2815808 ISL28258FUZ-T7 |
Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
|
Intersil Corporation
|
74AUP2G08DC 74AUP2G08GD |
Low-power dual 2-input AND gate
|
NXP Semiconductors
|
ADM8698 ADM8699 ADM8698AN ADM8698ARW ADM8699ARN AD |
µP Supervisory Circuit with 4.65V Threshold Voltage, Low Supply Current and Active Low Reset Output. Upgrade for ADM698; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 P Supervisory Circuit with Watchdog Feature, 4.65V Threshold Voltage, Low Supply Current and Active Low Reset Output. Upgrade for ADM699 bqTINY-II Dual Input USB/AC Adpater 1-Cell Li-Ion Charger w/Charge Enable & AC Present, No Taper 10-SON -40 to 85 Dual Input Li-Ion Charger with Dynamic Power-Path Management, Output regulated to 6V, Vbat 4.2V 20-QFN -40 to 85 Dual Input Li-Ion Charger with Dynamic Power-Path Management, Output Regulated to 6V Battery 20-QFN -40 to 125 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 bqTINY-II Dual Input USB/AC Adpater 1-Cell Li-Ion Charger w/Charge Enable & AC Present, No Taper 10-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8
|
Analog Devices, Inc.
|
UPC4064 UPC4064C UPC4064G2 |
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER
|
NEC[NEC]
|
74AUP2G132GF 74AUP2G132GN |
low-power dual 2-input NAND Schmitt trigger
|
NXP Semiconductors
|
WM2625ID WM2625 WM2625CD |
Low Power Dual 8-bit Serial Input DAC
|
Wolfson Microelectronic... WOLFSON[Wolfson Microelectronics plc]
|
74AUP2G132GX |
Low-power dual 2-input NAND Schmitt trigger
|
Nexperia
|
AD73322AST AD73322EB AD73322EZ EVAL-AD73322EZ AD73 |
Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End Low Power 10MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Cost, Low Power CMOS General-Purpose Dual Analog Front End Dual Voiceband Codec; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, PDSO28
|
Analog Devices, Inc.
|