PART |
Description |
Maker |
109105 109106 109107 109100 109101 109103 109102 1 |
MiniMez Vertical Male SMT
|
ERNI Electronics
|
620310124022 620313124022 620316124022 62034124022 |
2.00 MM SMT MALE VERTICAL SHROUDED HEADER
|
Wurth Elektronik GmbH &...
|
653112124022 653107124022 653106124022 65311012402 |
1.25 MM SMT MALE VERTICAL SHROUDED HEADER
|
Wurth Elektronik GmbH &...
|
M402M1-2405R M402M2-1605R M402M1-5005R M402M2-3005 |
0.5mm Pitch DIL Vertical SMT Male Assembly, 1.25mm height, gold, 12 12-way, Tape & Reel packing 24 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT 0.5mm Pitch DIL Vertical SMT Male Assembly, 1.75mm height, gold, 8 8-way, Tape & Reel packing 16 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT 50 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT 0.5mm Pitch DIL Vertical SMT Male Assembly, 1.75mm height, gold, 15 15-way, Tape & Reel packing 30 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT 0.5mm Pitch DIL Vertical SMT Male Assembly, 1.25mm height, gold, 15 15-way, Tape & Reel packing 30 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT 0.5mm Pitch DIL Vertical SMT Male Assembly, 1.25mm height, gold, 6 6-way, Tape & Reel packing - contact <a href=mailto:technical@harwin.com>technical@harwin.com</a> for availability
|
Harwin PLC HARWIN INC
|
M80-5132022 M80-5131222 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews 5mm board mount, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews 5mm board mount, 6 6-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
68301-1006 68301-1069 68301-1035 68301-1028 68301- |
Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 18 Ckt Tin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 7 ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR SB Vert SMT Hdr 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 3 ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 8POS .100 VERT 15AU 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CH 100 Single Row Vert SMT 2ckt 30au CH 100 Single Row Vert SMT 3ckt 30au
|
Molex, Inc. MOLEX INC
|
75784-0123 0757840123 |
0.80mm (.031) Pitch, iPass I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.76μm (30μ) Gold (Au), SMT Shell, Right Key
|
Molex Electronics Ltd.
|
75784-0124 0757840124 |
0.80mm (.031) Pitch, iPass I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.76μm (30μ) Gold (Au), SMT Shell, Dual Key
|
Molex Electronics Ltd.
|
M50-4302445 M50-4903845 M50-4903045 M50-4302845 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 24 24-way 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 38 38-way 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 28 28-way 56 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 27 27-way 54 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 5 5-way 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
RDP32-015-005FL RDP12-005-005FF RDP22-005-005FF RD |
180掳 SMT Male Female Header 180° SMT Male Female Header
|
Yamaichi Electronics Co., Ltd. Yamaichi Electronics Co...
|
M801-3120300R M801-3110300R |
Tact Switch, SMT, 7mm high, 260g Vertical force, red KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.04 N, SURFACE MOUNT-STRAIGHT Tact Switch, SMT, 7mm high, 160g Vertical force, brown
|
Harwin PLC HARWIN INC
|
M80-5520642 |
Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, no jackscrews, 3 3-way 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, JACK
|
TE Connectivity, Ltd.
|
|