PART |
Description |
Maker |
1346633 |
EPDM high temperature lead wire 150C EPDM wire is recommended for Class 130
|
List of Unclassifed Man...
|
FOD815 FOD815.W FOD815.300W |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER LEAD FREE, DIP-4 4-Pin High Operating Temperature Photodarlington Optocoupler
|
Fairchild Semiconductor, Corp.
|
ADT7302ARMZ ADT7302ARMZ-REEL7 ADT7302ART-500RL7 AD |
±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 【2∑C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 ±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
|
AD[Analog Devices]
|
N8T97 N8T98 N8T95 N8T98N 8T95 8T96 8T97 8T98 N8T95 |
8-Channel, 10-Bit ADC with I2C Compatible Interface in 20-Lead TSSOP; Package: TSSOP; No of Pins: 20; Temperature Range: Industrial High Speed Hex 3-State Buffers/Inverters 高速六角三态缓冲器/逆变
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
ADCMP56305 ADCMP563BCP-R2 ADCMP563BCP-RL7 ADCMP563 |
Dual High Speed ECL Comparator 16 - Lead QSOP; Package: LFCSP (3x3mm, 1.50mm exposed pad); No of Pins: 16; Temperature Range: Commercial DUAL COMPARATOR, 10000 uV OFFSET-MAX, 0.83 ns RESPONSE TIME, QCC16 Dual, High Speed ECL Comparators
|
ANALOG DEVICES INC Analog Devices, Inc.
|
ADA4627-1ARZ ADA4627-1ACPZ-R7 |
36 V High Performance, JFET-Input, Amp, Operational Amplifier; Package: 8-pin; Temperature Range: -40°C to 125°C 36 V High Performance, JFET-Input, Amp, Operational Amplifier; Package: 8-LFCSP (Lead Form Chip Scale); Temperature Range: -40°C to 125°C
|
ANALOG DEVICES INC
|
AM27C256-70/BXA AM27C256-120LEB AM27C256-90LCB AM2 |
Octal 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 1-/2-Channel 24-Bit µPower No Latency Delta-Sigma ADC in MSOP-10; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 24-Bit High Speed 8-/16-Channel Delta Sigma ADCs with Selectable Speed/Resolution; Package: QFN; No of Pins: 38; Temperature Range: -40°C to 85°C x8 EPROM x8存储
|
Rochester Electronics, LLC
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
PS7841C-A11 PS7841C-A15 |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21366 packaged in a Lead-Free 28-Lead SOIC Single Low Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2121 packaged in a Lead-Free 8-Lead PDIP
|
NEC, Corp.
|
MPXV5050VC6T1 |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE[Freescale Semiconductor, Inc]
|
MPXV6115VC6U |
High Temperature Accuracy ntegrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE[Freescale Semiconductor, Inc]
|
IDT6198L20SO IDT6198L20C IDT6198L25C |
Dual High Side Driver in a 16-Lead SOIC Lead Free package x4的SRAM High and Low Side Driver has output source/sink current capability of 4A and 4A x4的SRAM
|
STMicroelectronics N.V. Bourns, Inc.
|