PART |
Description |
Maker |
1346351 |
Tinned copper conductor, semi-rigid PVC insulation
|
List of Unclassifed Man...
|
99180031000 9918002100 9918006100 99180061000 9918 |
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
8916003500 |
14 AWG stranded (41x30) tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
M48T212Y-85MH6 M48T212Y-85MH1TR M48T212Y-70MH1 M48 |
Shielded Multiconductor Cable; Number of Conductors:7; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:7; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Temperature Max:80 C RoHS Compliant: Yes 5V/3.3V TIMEKEEPER[ CONTROLLER 5V/3.3V计时[控制
|
意法半导 STMicroelectronics N.V.
|
8866002500 |
Tinned copper conductor, conductive polyethylene (Korona-Guard) over inner conductor provides uniform
|
List of Unclassifed Man...
|
8700010250 |
Minature, 28 AWG solid .013 tinned copper conductor, polypropylene insulation, bare copper braid shield
|
List of Unclassifed Man...
|
1032E-70LJ 1032E-70LJI 1032E-70LT 1032E-70LTI PLSI |
High-Density Programmable Logic 高密度可编程逻辑 CABLE, 8163, 3PAIR, PER M; Cores, No. of:6; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:9.12mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6317 RoHS Compliant: Yes 高密度可编程逻辑 Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:2; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 高密度可编程逻辑 2#24 TFE BRD PFA RoHS Compliant: No CABLE, 8163, 3PAIR, PER M; Cores, No. of:6; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:9.12mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6317 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:3; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:100ohm RoHS Compliant: Yes COUPLING Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:3; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:50; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:25; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes CABLE, 8162, 2PAIR, PER M; Cores, No. of:4; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:8.71mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6316 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:2; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:100ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
1344181 |
Tinned copper, PVC insulation, medium wall
|
List of Unclassifed Man...
|
8740060U1000 |
22 AWG solid tinned copper conductors, PVC insulation,
|
List of Unclassifed Man...
|