PART |
Description |
Maker |
866200050 8662000250 |
Shielding and Bonding Cable.
|
List of Unclassifed Man...
|
1344171 8663 8663000250 866300050 |
Shielding and Bonding Cable.
|
List of Unclassifed Man...
|
STV0498 |
DOCSIS 2.0 cable modem chip with channel bonding
|
STMicroelectronics
|
UES702 BYW77-100 BYW77-150 UES703 BYW31-100 BYW31- |
RECTIFIERS Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Fluoropolymer; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes
|
MICROSEMI[Microsemi Corporation]
|
SFR16-XXX SFR16R-1 SFR16R-XXX SFR8R-1_5STE1 SFR10R |
0.8nn FLEX CIRCUIT/FLAT CABLE/CIC SURFLOK SFR SERIES 0.8nn柔性电扁平电缆/议会SURFLOK的SFR系列 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Shielding Coverage:1% RoHS Compliant: Yes 0.8nn柔性电扁平电缆/议会SURFLOKSFR系列
|
http:// Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
BYT11-600 BYT11-1000 BYT11-800 BYT11-600--1000 BYT |
Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Ultra low drop BICMOS voltage regulator Fast Recovery Rectifier Diodes(快速恢复整流二极管) Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes CABLE, 9534, 4CORE, 153M; Cores, No. of:4; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:4.67mm; Material, secondary insulation:PVC; Length, Reel (Imperial):500ft; Colour, secondary insulation:Chrome; RoHS Compliant: Yes
|
意法半导 STMicroelectronics SGS Thomson Microelectronics
|
BYW76 BYW72 BYW73 BYW74 BYW75 |
Belden Twisted Pair Plenum Cable, Shielded, Wire Size: 22 AWG, Number of Pairs: 2, Length: 1000 feet, Conductor Material: Bare Copper Stranded, Shielding: Beldfoil, Jacket: Natural Flamarrest Fast Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
M570 |
Bonding, Handling, and Mounting Procedures for Millimeterwave PHEMT MMIC’s
|
M/A-COM Technology Solutions, Inc.
|
BYW95A BYW95B BYW95C |
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES Belden Shielded Plenum Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Beldfoil, Jacket: Natural Flamarrest Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
LP62S16512-I LP62S16512U-55LLI LP62S16512U-70LLI L |
512K X 16 BIT LOW VOLTAGE CMOS SRAM Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
AMICC[AMIC Technology] AMIC Technology Corporation
|