PART |
Description |
Maker |
021-3220 021-4510 021-4520 021-2220 042-3300 021-4 |
KNOB BLACK KNOB GREY ZIFFERNSCHEIBE TYP 3 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 0 KNOPFDM 14.5 PFEILSCHEIBE DM36.0 SCHWARZ ZIFFERNSCHEIBE TYP 1 KNOPFDM 36.0 ZIFFERNSCHEIBE TYP 2 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 1 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 9 KNOPFDM 14.5 ZIFFERNSCHEIBE典型9 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 8 KNOPFDM 21.0 ZIFFERNSCHEIBE典型8 KNOPFDM 21.0
|
EPCOS AG
|
MR50X0-XXX MR5020-XXX MV60539.MP10 HLMP-47119.MP6 |
PCB MOUNT LED INDICATORS Pcb Mount Led Indicator. T-1 3/4 (5 mm) Vertical Standoff Pcb Mount Led Indicator. T-1 3/4 (5 mm) - Side View
|
QT Optoelectronics
|
ZUS1R52405 ZUS62405 ZUS32412 |
DC-DC Converters PCB Mount type Rated input 5V, 12V, 24V or 48V DC Io=100%. 20max (Minimum input, Io=100%)
|
List of Unclassifed Manufacturers
|
ZS3A-80-G2 ZS3A-36-G2 ZS3A-58-G2 ZS3A-68-G2 ZS3A-7 |
180隆? TH Socket for PCB Mount 180掳 TH Socket for PCB Mount 180° TH Socket for PCB Mount
|
Yamaichi Electronics Co., Ltd.
|
VTS3186 VTS3086 |
Process photodiode. Isc = 80 microA(typ), Voc = 0.45 mV(typ) at H = 1000 lux, 2850 K.
|
PerkinElmer Optoelectronics
|
ZS4A-80-G2 ZS4A-36-G2 ZS4A-58-G2 ZS4A-68-G2 ZS4A-7 |
90隆? TH Socket for PCB Mount 90掳 TH Socket for PCB Mount 90° TH Socket for PCB Mount
|
Yamaichi Electronics Co., Ltd.
|
MR36PF34 MR24PA1 MR24PA14 MR24PA2 MR24PA3 MR24PA34 |
MINIATURE RIBBON STRAIGHT PCB TAIL IDC FLAT CABLE SOLDER TERMINALS RIGHT ANGLE PCB MOUNT
|
Adam Technologies, Inc.
|
LO503NBG1-15Q |
Blue green 15 degrees 5 mm LED lamp with water transparent lens. Wavelength(typ.) 505 nm. Luminous intensity(typ.) 4500 mcd.
|
Marktech Optoelectronics
|
50-65-0024 50-65-0048 50-65-0014 50-65-0032 50-65- |
CGrid SL PMC WToW DR ModBrnch 24Ckt 24-24 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER CGrid SL PMC WToW DR ModBrnch 48Ckt 48-48 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER 50650014 14-14 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER CGrid SL PMC WToW DR ModBrnch 32Ckt 32-32 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER CGrid SL PMC WToW DR ModBrnch 12Ckt Mod Branch; No. of Contacts:20; No. of Rows:2; Mounting Type:Panel Mount; Gender:Header RoHS Compliant: Yes CGrid SL PMC WToW DR ModBrnch 8Ckt CGrid SL PMC WToW DR ModBrnch 28Ckt
|
Molex, Inc. MOLEX INC
|
AN-42036 FAN2001 FAN2011 |
PCB Grounding System and High Performance DC-DC Converters
|
http:// Fairchild Semiconductor
|
1SS190 |
Small Package Low forward voltage :VF(3) = 0.92 V(Typ.) Small Total Capacitance :CT = 2.2pF(Typ.)
|
TY Semiconductor Co., Ltd
|
FCH22N60N |
N-Channel SupreMOSMOSFET 600V, 22A, 165m Ultra Low Gate Charge (Typ. Qg = 45 nC), Low Effective Output Capacitance (Typ. Coss.eff = 196.4 pF)
|
Fairchild Semiconductor
|