PART |
Description |
Maker |
MAX1270 MAX1270ACAI MAX1270ACNG MAX1270AEAI MAX127 |
Multirange / 5V / 8-Channel / Serial 12-Bit ADCs Multirange 5V 8-Channel Serial 12-Bit ADCs Multirange, 5V, 8-Channel,Serial 12-Bit ADCs Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm
|
MAX1270AEAI/GG8 MAX1270AEAI/GH9-T MAX1270BEAIT |
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
|
MAXIM - Dallas Semiconductor
|
MAX1033 MAX1032EUG |
8-/4-Channel, ±12V Multirange Inputs, Serial 14-Bit ADCs
|
Maxim Integrated Products
|
MAX1034EUG MAX1035EUP MAX1035 MAX1034 |
8-/4-Channel, 【VREF Multirange Inputs, Serial 14-Bit ADCs
|
MAXIM[Maxim Integrated Products]
|
0259.375TX832 242.1 0259.062TX832 0242.160TX832A 2 |
Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection KLEINSTSICHERUNG 160MA 8-/4-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADCs 8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges KLEINSTSICHERUNG 80MA KLEINSTSICHERUNG FLINK 500M KLEINSTSICHERUNG 50MA KLEINSTSICHERUNG 200MA KLEINSTSICHERUNG FLINK 750M KLEINSTSICHERUNG FLINK 125M KLEINSTSICHERUNG 100MA KLEINSTSICHERUNG 250MA Fuse KLEINSTSICHERUNG FLINK 375M KLEINSTSICHERUNG FLINK 3.75 KLEINSTSICHERUNG FLINK 62MA KLEINSTSICHERUNG FLINK 62MA KLEINSTSICHERUNG FLINK 250M KLEINSTSICHERUNG FLINK 2.5 High interrupting rating
|
Littelfuse
|
263371 263372 263373 263374 263375 263378 263379 2 |
Ultrasound Variable-Gain Amplifier Evaluation Kit for the MAX2039 High-Linearity, 1700MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance High-Linearity, 1700MHz to 2200MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller Evaluation Kit for the MAX2016 5V, RS-232 Transceivers with 0.1µF External Capacitors Evaluation Kit for the MAX2015 8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs High-Dynamic-Range, Direct Up-/Downconversion, 750MHz to 1200MHz Quadrature Modulator/Demodulator High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator High-Linearity, 815MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs Evaluation Kit for the MAX2043 Evaluation Kit for the MAX2027 Evaluation Kit for the MAX1036 MAX2023 Evaluation Kit PHOTOLUM.WARNING STRIPS PHOTOLUM.WARNING带钢 WARNING TAPES STD.LUMINOUS
|
Panduit, Corp.
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
HI4-0508A-8 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -55°C to 125°C; Package: 20-LCC 8-CHANNEL, SGL ENDED MULTIPLEXER, CQCC20
|
Intersil, Corp.
|
FDD8426H |
40V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench垄莽 MOSFET N-Channel: 40 V, 12 A, 12 m楼? P-Channel: -40 V, -10 A, 17 m楼? Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40 V, 12 A, 12 mΩ P-Channel: -40 V, -10 A, 17 mΩ
|
Fairchild Semiconductor
|
HI-506A07 HI3-0508A-5Z |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
|
Intersil Corporation
|
|