PART |
Description |
Maker |
LPC3141FET180 |
ARM926EJ-S with 192 kB SRAM, USB High-speed OTG, SD-MMC, NAND flash controller 92kB静态随机存储器US2.0高速OTG,SD-MMC,NAND闪存控制器的ARM926EJ-S
|
NXP Semiconductors N.V.
|
CYD18S18V18-167BBAXC CYD36S18V18-133BGXC CYD18S18V |
1M X 18 DUAL-PORT SRAM, PBGA256 17 X 17 MM, 1 MM PITCH, LEAD FREE, MO-192, FBGA-256 2M X 18 DUAL-PORT SRAM, 13 ns, PBGA484 27 X 27 MM, 2.33 MM HEIGHT, 1 MM PITCH, LEAD FREE, PLASTIC, BGA-484 1M X 18 DUAL-PORT SRAM, PBGA256 17 X 17 MM, 1 MM PITCH, MO-192, FBGA-256 2M X 18 DUAL-PORT SRAM, 13 ns, PBGA484 27 X 27 MM, 2.33 MM HEIGHT, 1 MM PITCH, PLASTIC, BGA-484 256K X 18 DUAL-PORT SRAM, 11 ns, PBGA256 17 X 17 MM, 1 MM PITCH, LEAD FREE, MO-192, FBGA-256
|
Cypress Semiconductor, Corp.
|
AT91SAM9261-CJ |
ARM926EJ-S BASED MICROCONTROLLER
|
Atmel Corp.
|
AT572D940HF AT572D940HF-CJ AT572D940HF-CL |
DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
|
ATMEL Corporation
|
LPC3141 |
(LPC3141 / LPC3143) low-power ARM926EJ microcontrollers
|
NXP
|
AMD27C64 AMD27C64-120DC AMD27C64-120DCB AMD27C64-1 |
64 Kilobit (8,192 x 8-Bit) CMOS EPROM 64千比特(8,192 × 8位)CMOS存储 64 Kilobit (8,192 x 8-Bit) CMOS EPROM 64千比特(8,192 × 8位)的CMOS存储
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CS42516 CS42516-CQZ CS42516-CQZR CS42516-DQZ CS425 |
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver 110/114 dB, 192 kHz, 2-in, 6-out Multi-Channel CODECs with S/PDIF
|
Cirrus Logic, Inc.
|
HY62VT08081E-DGC HY62VT08081E-DGE HY62VT08081E-DGI |
Low Power Slow SRAM - 256Kb SWITCH, REED SPST-NO 10W SMD QSW-REED,10MM,10W,SMD 9 POS FR-4 SIP SOCKET x8|3V|70/85/100|Low Power Slow SRAM - 256K x8|3.3V|70/85/100|Low Power Slow SRAM - 256K 32Kx8bit CMOS SRAM 32Kx8bit CMOS SRAM x8 SRAM x8的SRAM x8 SRAM 32K X 8 STANDARD SRAM, 100 ns, PDSO28 x8 SRAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28 x8 SRAM 32K X 8 STANDARD SRAM, 100 ns, PDIP28
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor Inc. Hynix Semiconductor, Inc. Analog Devices, Inc. Panasonic Industrial Solutions
|
R1RW0416DSB-2PR R1RW0416D R1RW0416DGE-2LR R1RW0416 |
4M High Speed SRAM (256-kword x 16-bit) Memory>Fast SRAM>Asynchronous SRAM
|
SRAM Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
R1RP0416DSB-2PR R1RP0416D R1RP0416DGE-2LR R1RP0416 |
Memory>Fast SRAM>Asynchronous SRAM 4M High Speed SRAM (256-kword X 16-bit) From old datasheet system
|
http:// RENESAS[Renesas Electronics Corporation] Renesas Electronics Corporation.
|
|