PART |
Description |
Maker |
LC1501CDT4 |
USB 2.0 power and data line
|
Shanghai Leiditech Elec...
|
LC1201CDT4 |
USB 2.0 power and data line
|
Shanghai Leiditech Elec...
|
SLVU2.8-4 |
USB 2.0 power and data line
|
Shanghai Leiditech Elec...
|
UR3HCGNP-001 UR3HCGNP-100-RH |
USAR GeniPS2 - IC that converts PS/2 data to USB USAP geni P32-IC that converts PS/2 data to USB
|
Semtech
|
4501-120M 4501R-104M 4501R-118M 4501R-108M 4501-12 |
Surface Mount Low-Profile Power Toroids 2 FUNCTIONS, 2.5 A, DATA LINE FILTER 2 FUNCTIONS, 0.95 A, DATA LINE FILTER
|
API Delevan
|
PI3USB102ZME PI3USB102ZMEX PI3USB102ZLE PI3USB102- |
USB SERIES, 2 LINE TO 4 LINE MULTIPLEXER AND DEMUX/DECODER, TRUE OUTPUT, QCC10 1.40 X 1.80 MM, 0.50 MM HEIGHT, GREEN, MO-220, TQFN-10 USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
|
Pericom Semiconductor, Corp. Pericom Semiconductor C...
|
ESDALC12-1T2 |
Single line transient surge voltage suppressor (TVS) for data and power line
|
STMicroelectronics
|
FT8U245AM |
USB UART - USB ultraboard transfer IC USB FIFO - Fast Parallel Data Transfer IC
|
Future Technology Devices International Ltd. FTDI ETC
|
WPCMV-2M3216-700L WPCML-2M2012-121L WPCMV-2M3216-4 |
2 FUNCTIONS, 16 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 10 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 16 V, 0.25 A, DATA LINE FILTER EIA STD PACKAGE SIZE 3216, 4 PIN
|
Ecliptek, Corp. Epson (China) Co., Ltd.
|
AT89C5131A AT89C5130A-M AT89C5131A-L AT89C5131A-M |
USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Extended Range Power Supply: 2.7V to 5.5V, ... USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Low Voltage Range Power Supply: 3.0V to ... USB C51-based Microcontroller with 16K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Extended Range Power Supply: 2.7V to 5.5V, ... USB Microcontrollers
|
ATMEL[ATMEL Corporation]
|
NCN9252 NCN9252MUTAG |
High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
|
ON Semiconductor
|