PART |
Description |
Maker |
SS-3GL13P SS-3GL13PB SS-3GL13PD SS-3GL13PT SS-3GLP |
Subminiature Basic Switch
|
Omron Electronics LLC
|
D2SW-P01B D2SW-P01D D2SW-P01H D2SW-P01L1B D2SW-P01 |
Sealed Subminiature Basic Switch
|
Omron Electronics LLC
|
M28C17 M28C17-120K1T M28C17-120K6T M28C17-120MS1T |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Simulated Roller Actuator, Solder Termination 16K2K × 8的并行EEPROM,带有软件数据保 16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
AD876JST-REEL AD876JRS-8 AD876JST AD876AR AD876JR |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Straight Lever Actuator, Solder Termination 10-Bit 20 MSPS 160 mW CMOS A/D Converter
|
Analog Devices, Inc.
|
AZ826-2C-6DSSE AZ826-2C-3DME AZ826-2C-4.5DSSE AZ82 |
SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
|
American Zettler, Inc.
|
AZ826-2C-3DSSE AZ826-2C-4.5DSSE AZ826-2C-5DSSE AZ8 |
SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
|
List of Unclassifed Manufacturers ETC
|
66079-005 66079 66079-001 66079-005H 66079-004H 66 |
OPTICALLY COUPLED DIGITAL FILTER 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Roller Lever Actuator, Solder Termination 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
AZ920-1A-9DE AZ920 AZ920-1A-12DE AZ920-1A-18DE AZ9 |
ULTRA-SENSITIVE SUBMINIATURE RELAY 超灵敏微型继电器 From old datasheet system
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] ZETTLER electronics
|
045501.6 0455.500 |
Snap Action Basic Switch; Contact Current Max:500mA; Circuitry:SPDT; Switch Terminals:Screw; Actuator Style:Hinge Lever; Current Rating:15A; Mounting Type:Screw Terminal; Operating Force Max:70gf; Operating Position:19 mm RoHS Compliant: Yes Surface Mount Fuses - Subminiature Surface Mount 表面贴装保险超小型表面贴
|
Littelfuse, Inc.
|
AZ920-1A-12DE AZ920-1A-6DE AZ920-1A-5DE AZ920-1A-2 |
ULTRA-SENSITIVE SUBMINIATURE RELAY
|
ZETTLER Electronics
|