PART |
Description |
Maker |
LPCCP1 LPCCP2 |
Antenna Interconnect for Satellite TV Receiver Mobile Phones PDA Portable Radio
|
ITT Industries
|
803048U-3/387 803018U-3/387 805048B-3/387 802006K- |
53000 MHz - 60000 MHz PARABOLIC ANTENNA, 25 dBi GAIN 45000 MHz - 50000 MHz PARABOLIC ANTENNA, 25 dBi GAIN 18000 MHz - 20800 MHz PARABOLIC ANTENNA, 25 dBi GAIN 40000 MHz - 47000 MHz PARABOLIC ANTENNA, 25 dBi GAIN 26500 MHz - 31000 MHz PARABOLIC ANTENNA, 25 dBi GAIN
|
Skyworks Solutions, Inc. SKYWORKS SOLUTIONS INC
|
T4258NBSP T4258 T4258-ILQ T4258-ILS |
AM/FM Receiver IC AM/FM, AUDIO SINGLE CHIP RECEIVER, PDSO44 AM/FM car radio receiver for a global reception concept with digital tuning and electronic filter ad From old datasheet system
|
Atmel, Corp. ATMEL Corporation
|
FW90SMAM |
Flexible Whip Monopole Antenna LTE / Cellular / CDMA Antenna For 4G/3G/2G Applications
|
Taoglas antenna solutio...
|
RAD-SPL-2-N |
Antenna splitter, frequency range: 0.3 GHz ... 6 GHz, degree of protection: IP65, connection: 3 x N (female), suitable connection cable for the antenna connection (Order No. 2700677)
|
PHOENIX CONTACT
|
HCPL-1931-B600 HCPL-1930 HCPL-1930-100 HCPL-1930-2 |
2 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps Hermetically Sealed. Dual Channel Line Receiver Optocouplers 密封。双通道线路接收器光电耦合 Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver 双通道线接收双通道线接收双通道线路接收 HCPL-1930 · Hermetically Sealed, Dual Channel Line Receiver Optocouplers HCPL-1931 · Hermetically Sealed, Dual Channel Line Receiver Optocouplers HCPL-193K · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201EA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201EC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201YA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KXA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KYC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201YC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KYA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KEC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201XA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KEA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers
|
Agilent(Hewlett-Packard... AGILENT TECHNOLOGIES INC Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
KCA KCA-C-0430J KCA-B-0490J KCA-B-0345J KCA-C-0300 |
Keylock CILINDER ANTENNA Keylock cylinder antenna
|
PREMO CORPORATION S.L
|
2450AT42E010B 2450AT42E010BE |
2.4 GHz Surface Mount 2.4 GHz Surface Mount, Above Metal, Low Profile Mini Chip Antenna This antenna must have metal directly underneath on bottom layer in order to function
|
Johanson Technology Inc...
|
UPD4722GS-GJG UPD4722 UPD4722GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC Corp. NEC[NEC]
|
UPD4724GS-GJG UPD4724 UPD4724GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC Corp. NEC[NEC]
|