PART |
Description |
Maker |
74VHC74MTC 74VHC74N 74VHC74SJ 74VHC74 74VHC74MTCX |
Dual D-Type Flip-Flop 双D型触发器 Supervisor Push-Pull Active High, -40C to 85C, 3-SOT-23, T/R Dual D-Type Flip-Flop with Preset and Clear
|
Fairchild Semiconductor, Corp.
|
HD74HCT74A HD74HCT74AT HD74HCT74AFP |
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|TSSOP|14PIN|PLASTIC FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|SOP|14PIN|PLASTIC
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
NC7SZ175P6 NC7SZ175P6X NC7SZ175 NC7SZ175L6X |
TinyLogic UHS D-Type Flip-Flop LVC/LCX/Z SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, DSO6 TinyLogic UHS D-Type Flip-Flop TinyLogic UHS D-Type Flip-Flop
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HD74HC73 HD74HC73FP HD74HC73P |
FLIP-FLOP|DUAL|J/K TYPE|HC-CMOS|DIP|14PIN|PLASTIC Dual J-K Flip-Flops (with Clear) FLIP-FLOP|DUAL|J/K TYPE|HC-CMOS|SOP|14PIN|PLASTIC
|
HITACHI[Hitachi Semiconductor]
|
74AUP2G80GT 74AUP2G80GM 74AUP2G80DC 74AUP2G80 74AU |
Low-power dual D-type flip-flop; positive-edge trigger; Package: SOT833-1 (XSON8U); Container: Reel Pack, SMD, 7" AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO8
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
5962F9863501VXC 5962F9863501VCC 5962F9863501V9A AC |
3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 Contact Protector; Weight:163g Radiation Hardened Quad D-Type Flip-Flop
with Reset(抗辐射四D触发器(带复位功能)) Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16 Radiation Hardened Quad D-Type Flip- Flop with Reset
|
Intersil Corporation Intersil, Corp.
|
57401AJ/883B C57401AJ/883B 57401J 57401L 57402J 57 |
DUAL 'D' - TYPE FLIP-FLOP x5 Asynchronous FIFO 7 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS QUAD BILATERAL SWITCH DUAL-J-K MASTER-SLAVE FLIP-FLOP X5的异步FIFO x4 Asynchronous FIFO x4异步FIFO
|
Atmel, Corp. NIC Components, Corp.
|
74ACTQ574PC 74ACQ574 74ACQ574PC 74ACQ574SC 74ACQ57 |
Quiet Series Octal D Flip-Flop with 3-STATE Outputs Quiet SeriesOctal D-Type Flip-Flop with 3-STATE Outputs 18-Bit LVTTL-to-GTLP Bus Transceiver with Source Synchronous Clock Outputs 56-TSSOP -40 to 85 Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs Quiet Series⑩ Octal D-Type Flip-Flop with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HCTS112MS HCTS112D HCTS112DMSR HCTS112HMSR HCTS112 |
Radiation Hardened Dual JK Flip-Flop HCT SERIES, DUAL NEGATIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
74LVX112M 74LVX112MTC 74LVX112 74LVX112SJX |
J-K-Type Flip-Flop Low Voltage Dual J-K Flip-Flops with Preset and Clear From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
74ALVC16374 74ALVC16374GX 74ALVC16374MTD 74ALVC163 |
16-Bit D-Type Flip-Flop 16D型触发器 From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
|
ON Semiconductor Fairchild Semiconductor
|
74VHC273MTC 74VHC273N 74VHC273SJ 74VHC273 74VHC273 |
Octal D-Type Flip-Flop AHC/VHC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|