PART |
Description |
Maker |
295S220F103A21 295S220R103A21 295S224R103A21 295S3 |
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
|
CTS Corporation
|
RV20N215SKC100M RV20N215SKC101M RV20N215SKC102M RV |
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
|
TOCOSAMERICA, INC.
|
RA20YP215RB203A503200F RA20XP215RB203A503200F RA20 |
20mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
|
TOCOSAMERICA, INC.
|
RAT30XG20FA100K RAT30XG20FA101K RAT30XG20FA102K RA |
30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
|
TOCOSAMERICA, INC. http://
|
RA25XG20FB103A503100F RA25XG20FB103A503100G RA25XG |
25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
|
http:// TOCOSAMERICA, INC.
|
364086 |
1,27 DRC Adapterstuck BTB 24mm 26-polig
|
ERNI Electronics
|
NAR161H-F |
15.24mm (0.6inches) size numeric display
|
STANLEY ELECTRIC CO.,LT...
|
P231-EC15BR100K P231-EC15CR100K P231-EC15DR100K P2 |
24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
|
List of Unclassifed Manufacturers ETC
|
PE1001-4 |
Hermetic Seal Solder Contact With 0.02 Pin Diameter, 0.158 Body Diameter And 0.07 Pin Length
|
Pasternack Enterprises, Inc.
|
PE1001-1 |
Hermetic Seal Solder Contact With 0.012 Pin Diameter, 0.1 Body Diameter And 0.18 Pin Length
|
Pasternack Enterprises, Inc.
|
HEDS-6500-A05 HEDS-6500-A10 HEDS-6500-A11 HEDS-650 |
HEDS-6510#005 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDS-6505#B05 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDS-6500#A05 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDM-6500#T05 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDM-6505#T05 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDL-6545#B09 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDL-6540#B11 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDM-6540#T11 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders Large Diameter (56 mm), Housed Two and Three Channel Optical Enco
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|