PART |
Description |
Maker |
P6MU-2415EH40 P6MU-0505EH40 P6MU-0512EH40 P6MU-120 |
Input voltage: 5V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output 4 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 4千伏隔震1W的未稳压单输出DIP14 Input voltage: 5V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH]
|
BR68 BR62 BR60 BR605 BR61 BR610 BR64 BR66 |
ROM Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 12V; Power: 1W; Micro Size SIP4 Package; 3kVDC SINGLE-PHASE SILICON BRIDGE 单相硅桥
|
GOOD-ARK[GOOD-ARK Electronics] Rectron Semiconductor
|
APW7190 APW7190QBI-TRG |
5V or 12V Single Output PWM Controller with PFM
|
Anpec Electronics Coropration
|
S7DB-07A180 S7DB-07A150 S7DB-07A500 S7DB-07A250 S7 |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 425 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 322 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 380 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 非隔离式DC / DC转换2V输入/ 1.2V电压- 5.0V输出/ 7A
|
Bel Fuse, Inc.
|
SRDB-07A150 SRDB-07A180 SRDB-07A500 SRDB-07A300 SR |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 1-OUTPUT 17.5 W DC-DC REG PWR SUPPLY MODULE
|
BEL[Bel Fuse Inc.] Bel Fuse, Inc.
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PD110-23HA PD110-40LC PD110-42LA PD110-45-1LC PD11 |
DC/DC converter. Maximum output power 110 W. Output #1: Vnom 5V, Imin 0.8A, Imax 10.0A. Output #2: Vnom 12V, Imax 5A, Ipeak 9.0A DC/DC converter. Maximum output power 110 W. Output #1: Vnom 5V, Imin 0.8A, Imax 10.0A. Output #2: Vnom 12V, Imax 5A, Ipeak 9.0A. Output #3: Vnom -12V, Imin 0A, Imax 1A. Output #4: Vnom -5V Imin 0A, Imax 1A. DC/DC converter. Maximum output power 110 W. Output #1: Vnom 5V, Imin 0.8A, Imax 10.0A. Output #2: Vnom 12V, Imax 5A, Ipeak 9.0A. Output #3: Vnom -12V, Imin 0A, Imax 1A. Output #4: Vnom 12V Imin 0A, Imax 1A. DC/DC converter. Maximum output power 110 W. Output #1: Vnom 5V, Imin 0.8A, Imax 10.0A. Output #2: Vnom 12V, Imax 5A, Ipeak 9.0A. Output #3: Vnom -12V, Imin 0A, Imax 1A. Output #4: Vnom 24V Imin 0A, Imax 3A.
|
International Power Sources
|
V7AH-05A330 |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A 1-OUTPUT 16.5 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
TML15212 TML05112 TML15105 TML15124 TML05205 TML10 |
Encapsulated Power Supply 15 Watt, input voltage range: 85-264V, output voltage /-12V ( /-650mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-15V (2000/ /-150mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 12V (2500mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 15V (2000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-5V ( /-3000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 15V (1000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-5V ( /-1500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 12V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-12V ( /-1300mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 24V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 5V (6000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 3.3V (6000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-12V (2000/ /-200mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-15V ( /-500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 24V (625mA), encapsulated power supply
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
450NX 82452NX 82451NX 82453NX 82454NX |
External Plug-In Power Supply; Series:FW72; Output Voltage:12V; Output Power Max:72W; Output Current:6A; No. of Outputs:1; Leaded Process Compatible Intel 450NX PCIset
|
Intel Corp.
|
VS50B-12 VS50B-15 VS50B-24 VS50B-3 VS50B-5 VS150B- |
Single output 10W~150W External Plug-In Power Supply; Series:; Output Voltage:24V; Output Power Max:30W; Output Current:1.25A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:86% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:18V; Output Power Max:30W; Output Current:1.67A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:85% RoHS Compliant: Yes Switch Mode Power Supply; Output Power:28W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:2.3A; Leaded Process Compatible:No; Output Current:2.3A; Output Power Max:28W; Output Voltage:12V RoHS Compliant: No CAP .01UF 400V POLYPROPYLENE Single output 10W~150W 单输出功0W150
|
LAMBDA[DENSEI-LAMBDA] TE Connectivity, Ltd. Unity Opto Technology Co., Ltd.
|
LT1213 LT1213ACN8 LT1213AMJ8 LT1213C LT1213CN8 LT1 |
28MHz/ 12V/us/ Single Supply Dual and Quad Precision Op Amps 28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps 28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps 28MHz 12V/us Single Supply Dual and Quad Precision Op Amps From old datasheet system
|
LINER[Linear Technology]
|
|