PART |
Description |
Maker |
U74AHCT1G125G-AE5-R U74AHCT1G125G-AL5-R |
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
|
Unisonic Technologies
|
ULS2822J ULS2822L ULS2025L ULS2025J ULS2003J ULS20 |
Single buffer (open drain) Single 2-input open drain NAND gate ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 逻辑IC Single 2-input AND gate 单两输入与门 Single exclusive OR gate EMI FILTER WITH ESD PROTECTION - (ASD) LNB supply and control voltage regulator (parallel interface) N - channel 100 V - 0.33 " - 2 A - SOT-223 STripFET™ Power MOSFET Single 2-input OR gate Single 2-input NAND gate TURBOSWITCH - ULTRA-FAST HIGH VOLTAGE DIODE Single bus buffer (3-state) Single inverter (open drain) Single Schmitt inverter ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
|
IDT74LVC125APG IDT74LVC125A IDT74LVC125ADC IDT74LV |
3.3V CMOS Quadruple Bus Buffer GATE with 3-State Outputs and 5.0V Tolerant I/O 3.3V CMOS QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O Adjustable Precision Shunt Regulator 3-TO-92 -40 to 85
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
HD74LV1G125A HD74LV1G125AVS |
Bus Buffer Gate with 3-state Output
|
HITACHI[Hitachi Semiconductor]
|
HD74ALVC1G125-15 |
Bus Buffer Gate with 3-state Output
|
Renesas Electronics Corporation
|
PO74G126ASR PO74G126ASU PO74G126A |
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
|
List of Unclassifed Manufacturers ETC Potato Semiconductor Corporation
|
IDT74ALVC125DC8 IDT74ALVC125PG8 |
3.3V CMOS Quadruple Bus Buffer Gate with 3-State Outputs
|
IDT
|
IDT74LVC125APY8 IDT74LVC125APG IDT74LVC125ADC IDT7 |
3.3V CMOS Quadruple Bus Buffer GATE with 3-State Outputs and 5.0V Tolerant I/O
|
IDT
|
XC74WL125ASR |
XC74WL125ASR是双总线缓冲器产品采用硅栅CMOS工艺 XC74WL125ASR is Dual Bus Buffer manufactured using silicon gate CMOS processes
|
Torex Semiconductor
|
SN74LVC2G126DCUR SN74LVC2G126DCUT |
<font color=red>[Old version datasheet]</font> DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
|
TI store
|
U74LVC1G34G-AF5-L U74LVC1G34L-AL5-R U74LVC1G34L-AF |
SINGLE BUFFER GATE
|
Unisonic Technologies
|