PART |
Description |
Maker |
E28F256J3C-110 GE28F256J3C-110 E28F256J3C-115 GE28 |
Intel StrataFlash Memory (J3) 英特StrataFlash存储器(J3 Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 10V; Case Size: 10x20 mm; Packaging: Bulk 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 16M X 16 FLASH 2.7V PROM, 125 ns, PDSO56 Intel StrataFlash Memory (J3) 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 8M X 16 FLASH 3V PROM, 150 ns, PDSO56 Intel StrataFlash Memory (J3) 8M X 16 FLASH 2.7V PROM, 120 ns, PBGA64 (TE28FxxxJ3C) Strata Flash Memory Strata Flash Memory / 256 Mbit
|
Intel, Corp. Intel Corp. http:// Intel Corporation
|
M36W832TE70ZA1T M36W832TE85ZA1T M36W832TE-ZAT M36W |
SPECIALTY MEMORY CIRCUIT, PBGA66 32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product
|
SGS Thomson Microelectronics NUMONYX 意法半导 ST Microelectronics
|
AT17LV002A AT17C002A AT17C002A-10JC AT17C002A-10JI |
FPGA Configuration EEPROM Memory 2M X 1 CONFIGURATION MEMORY, PQFP32 5015 RR 19#16 PIN PLUG 2M X 1 CONFIGURATION MEMORY, PQCC20
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
AT88SC0104CA-SU88SC0104 AT88SC0104CA-MP88SC0104 AT |
SPECIALTY MEMORY CIRCUIT, PDSO8 GREEN, PLASTIC, SOIC-8 SPECIALTY MEMORY CIRCUIT, DMA SPECIALTY MEMORY CIRCUIT, QMA SPECIALTY MEMORY CIRCUIT, PDIP8 GREEN, PLASTIC, PDIP-8 SPECIALTY MEMORY CIRCUIT, PTSO8
|
Atmel, Corp. ATMEL CORP
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
M5M29KE131BVP |
Memory>NOR type Flash Memory 134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY Stacked-uMCP (micro Multi Chip Package)
|
Renesas Electronics Corporation
|
MB84VA2000-10 MB84VA2001-10 MB84VA2000 |
(MB84VA2000 / MB84VA2001) 8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM 8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA48
|
Fujitsu Media Devices Fujitsu, Ltd. Fujitsu Component Limited.
|
K5A3280YBC-T855 K5A3380YBC-T855 K5A3280YTC-T855 K5 |
SPECIALTY MEMORY CIRCUIT, PBGA69 8 X 11 MM, 0.80 MM PITCH, 1.20 MM HEIGHT, TBGA-69 MCP MEMORY
|
http:// Fujitsu, Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
FM25640B-GTR FM25640B-G |
SPECIALTY MEMORY CIRCUIT, PDSO8 64Kb Serial 5V F-RAM Memory
|
Ramtron International Corporation http://
|
MB85R1002PFTN MB85R1002 |
Memory FRAM SPECIALTY MEMORY CIRCUIT, PDSO48
|
Fujitsu, Ltd. Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
SC9302H |
1-MEMORY/2-MEMORY TONE/PULSE DIALER
|
Silan Microelectronics ...
|
S72NS128PD0KJFGC3 S72NS128PD0KJFGC2 S72NS128PD0AJF |
MirrorBit Flash Memory and DRAM SPECIALTY MEMORY CIRCUIT, PBGA128 MirrorBit Flash Memory and DRAM MirrorBit闪存和DRAM
|
Spansion, Inc. Spansion Inc.
|