PART |
Description |
Maker |
AD7502SD/883B AD7503SQ/883B AD7502SQ/883B AD7501SQ |
4-Channel Analog Multiplexer 1.5A, 500kHz Step-Down Switching Regulators 4.5A, 500kHz Step-Down Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel Analog Multiplexer RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 4.5A, 500kHz Step-Down Switching Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8通道模拟多路复用
|
Analog Devices, Inc.
|
LT1959 LT1959C LT1959IRPBF |
4.5A/ 500kHz Step-Down Switching Regulator 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 0; Temperature Range: -40°C to 85°C 8.5 A SWITCHING REGULATOR, 560 kHz SWITCHING FREQ-MAX, PSSO7
|
Linear Technology, Corp.
|
1956IFE 1956I5 LT1956IGN |
High Voltage, 1.5A, 500kHz Step-Down
|
Linear Technology
|
EUP2410 |
1.6A, 500KHz Synchronous Step-up Converter
|
Eutech Microelectronics Inc
|
MP2467 |
2.5A, 36V, 500kHz Step-Down Converter
|
Monolithic Power Systems
|
EUP3472DIR1 |
500kHz Synchronous Step-Down Converter
|
Eutech Microelectronics
|
BL8033CB6TR |
500KHz, 16V, 3A Synchronous Step-Down Converter
|
SHANGHAI BELLING CO., L...
|
MP28253 MP28253EL |
21V, 3A, 500kHz Synchronous Step-down Converter
|
Monolithic Power Systems
|
RT7263E |
3A, 21V 500kHz Synchronous Step-Down Converter
|
Richtek Technology Corporation
|
EUP3476 |
3A, 28V, 500kHz Synchronous Step-Down Converter
|
Eutech Microelectronics Inc
|
RT7263A |
3A, 21V 500kHz Synchronous Step-Down Converter
|
Richtek Technology Corporation
|
LT1912EDDTRPBF |
36V, 2A, 500kHz Step-Down Switching Regulator
|
Linear Technology
|