PART |
Description |
Maker |
P-7GJSW P-7GJMW P-7GJ |
IFT COILS , Pin Type: P-7 Series IFT COILS Pin Type: P-7 Series
|
Sumida Corporation
|
P-5LGMW P-5LGFM P-5LGAM P-5LG/FM P-5LG/AM P-5LG/MW |
IFT COILS Pin Type P-5 Series IFT COILS , Pin Type P-5 Series
|
Sumida Corporation
|
74LVXZ161284 74LVXZ161284MTX 74LVXZ161284MEX 74LVX |
2K, 258 X 8 or 128 X 16, SER EE, -40C to 85C, 8-TSSOP, TUBE 2K, 258 X 8 or 128 X 16, SER EE, -40C to 125C, 8-MSOP, T/R BUS TRANSCEIVER|SINGLE|8-BIT|LVX-CMOS|SSOP|48PIN|PLASTIC 2K, 258 X 8 or 128 X 16, SER EE, -40C to 125C, 8-TSSOP, T/R Low Voltage IEEE 161284 Translating Transceiver
|
Fairchild
|
74LVT244APW-T 74LVT244ADB-T |
1K, 128 x 8, 1.8V SER EE, -40C to 85C, 8-SOIC 150mil, T/R 1K, 128 X 8, 1.8V SER EE, -40C to 125C, 8-SOIC 150mil, T/R 位非反向缓冲驱动
|
TE Connectivity, Ltd.
|
MC-108 |
IFT COILS
|
Sumida Corporation
|
SM-10C |
IFT COILS
|
Sumida Corporation
|
MC-129H |
IFT COILS
|
Sumida Corporation
|
P-7SB |
IFT COILS
|
Sumida Corporation
|
MG811 |
IFT COILS
|
Sumida Corporation
|
M-7LG |
IFT COILS
|
Sumida Corporation
|
AQW414EHAZ AQW414EH AQW414EHA AQW414EHAX |
General use and economy type. DIP (2 Form B) 8-pin type. Reinforced insulation 5,000V type.
|
PANASONIC[Panasonic Semiconductor]
|
|