PART |
Description |
Maker |
AD8567 AD8567ACP AD8567ARU AD8565AKS AD8566 AD8565 |
16 V Rail-to-Rail Operational Amplifiers QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 16 V Rail-to-Rail Operational Amplifiers 16 V的轨到轨运算放大
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1152CS8TR |
Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 10 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
AD8631 AD8631ART AD8632 AD8632AR AD8632ARM AD8632A |
Dual, 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifier 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers 1.8伏,5兆赫轨到轨低功耗运算放大器 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers OP-AMP, 4000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD8661ACPZ-R2 AD8661ACPZ-REEL AD8661ACPZ-REEL7 AD8 |
16 V Precision Quad CMOS Rail - to - Rail Operational Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1200 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
AD8091 AD8092 AD8092ARM AD8091ART-REEL AD8091ART-R |
Low Cost , High-Speed Rail-to-Rail Amplifiers Enhanced 10-Bit, ADC with Flash Memory From old datasheet system Low-Cost, High-Speed Rail-to-Rail Amplifiers DUAL OP-AMP, 27000 uV OFFSET-MAX, PDSO8
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|
AD823AR AD823AR-REEL |
Dual/ 16 MHz/ Rail-to-Rail FET Input Amplifier Dual, 16 MHz, Rail-to-Rail FET Input Amplifier RECTIFIER SCHOTTKY SINGLE 8A 30V 200A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE
|
Analog Devices, Inc.
|
AD8616ARM-R2 AD8616ARMZ1 AD8616ARMZ-REEL1 AD8616AR |
Precision 20 MHz CMOS Dual Rail-to-Rail Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 800 uV OFFSET-MAX, 23 MHz BAND WIDTH, PDSO8 Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
EL8103IW-T7 EL8103IW-T7A EL8102 EL8102IS EL8102IS- |
500MHz Rail-to-Rail Amplifiers Single, 500MHz, Rail-to-Rail Amplifier with Enable
|
INTERSIL[Intersil Corporation]
|
|