PART |
Description |
Maker |
M27C801 M27C801-120F M27C801-100B M27C801-80N6X M2 |
8 MBIT (1MB X 8) UV EPROM AND OTP EPROM 16-To-32 Bit Registered Bus Exchanger With Byte Masks And 3-State Outputs 80-TSSOP -40 to 85 Octal Positive-Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 CAP .027UF 400V POLYPROPYLENE 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 81兆8紫外线存储器和OTP存储 8 Mbit 1Mb x 8 UV EPROM and OTP EPROM 8兆8紫外线存储器和OTP存储 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 8兆8紫外线存储器和OTP存储 Octal Positive-Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-TSSOP -40 to 85 8兆8紫外线存储器和OTP存储 1M X 8 OTPROM, 100 ns, PQCC32
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
M27W801 -M27W801 |
8Mbit (1Mb x 8) Low Voltage OTP EPROM(8M位低压一次可编程 EPROM) 8Mbit (1Mb x 8) Low Voltage OTP EPROM(8M浣?????娆″?缂?? EPROM)
|
意法半导
|
M27W101 M27W101-100B6TR M27W101-100F6TR M27W101-10 |
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM 1兆位28KB x8低压紫外线EPROM和检察官办公室存储器 1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM 1兆位128KB x8低压紫外线EPROM和检察官办公室存储器 Hex Drivers 14-SOIC 0 to 70 1兆位28KB x8低压紫外线EPROM和检察官办公室存储器 64 Mbit 4Mb x16 3V Supply FlexibleROM Memory
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27V322-100F1 M27V322-150XP6 M27V322 M27V322-100B1 |
32 Mbit 2Mb x16 Low Voltage UV EPROM and OTP EPROM 32 Mbit 4Mb x8 or 2Mb x16 OTP EPROM Fuses, 150mA 250V SB 5X15 BULK 32 Mbit 2Mb x16 Low Voltage UV EPROM and OTP EPROM 32兆位Mb x16低压紫外线EPROM和检察官办公室存储器
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
M27W400 M27W400-100B6TR M27W400-100F6TR M27W400-10 |
4 Mbit (512Kb x8 or 256Kb x16), Low Voltage UV EPROM and OTP EPROM 512K X 8 UVPROM, 100 ns, CDIP40 4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x856Kb的x16低压紫外线可擦写可编程只读存储器和OTP存储 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27V401 |
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM(4Mb低压UV EPROM和OTP EPROM)
|
意法半导
|
M27W512 M27W512-100B6TR M27W512-100F6TR M27W512-10 |
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM Hex D-Type Positive-Edge-Triggered Flip-Flops With Clear 16-SOIC 0 to 70 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM 512千位64Kb的x8低压紫外线EPROM和检察官办公室存储器
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
M27C322 M27C322-100F1 M27C322-100F3 M27C322-100F6 |
32 Mbit 2Mb x16 UV EPROM and OTP EPROM 32兆位存储器的2Mb x16紫外线和OTP存储
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27W40106 M27W401-200B6 M27W401-120K6 M27W401-100B |
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics
|
M27W10106 M27W101-200B6TR M27W101-200F6TR M27W101- |
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics
|
M27W401-80B6 |
4 MBIT (512KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM
|
ST Microelectronics
|