PART |
Description |
Maker |
LTC15941 LTC1594CS LTC1594ISPBF |
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters 4-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 4-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
Linear Technology, Corp.
|
LTC1096LCS8-PBF LTC1096LCS8-TR LTC1096LCS8-TRPBF L |
Micropower Sampling 8-Bit Serial I/O A/D Converters
|
Linear Technology
|
LTC1096LIS8TR |
Micropower Sampling 8-Bit Serial I/O A/D Converters
|
Linear Technology
|
LT1098 LT1098L LT1096 LT1096L |
(LT1096 / LT1098) Micropower Sampling 8-Bit Serial I/O A/D Converters
|
Linear
|
AM27C020-155DI AM27C020-175DI AM27C020-155DIB AM27 |
Micropower Sampling 8-Bit Serial I/O A/D Converters; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Complete Single Supply 12-Bit Voltage Output DAC in SO-8; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold; Package: PDIP; No of Pins: 20; Temperature Range: -40°C to 85°C Micropower Sampling 8-Bit Serial I/O A/D Converters; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Micropower Low Dropout References; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Complete Single Supply 12-Bit Voltage Output DAC in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Switched-Capacitor Wide Input Range Voltage Converter with Shutdown; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit, 500ksps Sampling A/D Converter with Shutdown; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 3V 140ksps 12-Bit Sampling A/D Converter with Reference; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C 3V 140ksps 12-Bit Sampling A/D Converter with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C Single Chip 12-Bit Data Acquisition System; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit, 300ksps Sampling A/D Converters with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C Micropower Sampling 12-Bit A/D Converters In S0-8 Packages; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 12-Bit, 500ksps Sampling A/D Converter with Shutdown; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C 12-Bit, 1.25Msps, 55mW Sampling A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Low Power, Low Noise, Quad Universal Filter Building Block; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Switched Capacitor Regulated Voltage Inverter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Switched Capacitor Regulated Voltage Inverter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single 5V RS232/RS485 Multiprotocol Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C x8存储 Single Chip 12-Bit Data Acquisition System; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
C-MAC MicroTechnology SPC Technology Electronic Theatre Controls, Inc.
|
LTC1598L 1594L8LF |
4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters From old datasheet system
|
Linear
|
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
AD1385TD/883B AD1385 |
16-Bit 500 kHz Wide Temperature Range Sampling ADC(16浣?00kHz瀹芥俯搴???撮??妨/D杞???? 16-Bit 500 kHz Wide Temperature Range Sampling ADC 1-CH 16-BIT FLASH METHOD ADC, PARALLEL ACCESS, CDIP48 16-Bit 500 kHz Wide Temperature Range Sampling ADC(1600kHz宽温度范围采样A/D转换
|
Analog Devices, Inc.
|
AD6640ST/PCB AD6640PCB AD6640AST |
12-Bit, 65 MSPS IF Sampling A/D Converter 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP44 12-Bit, 65 MSPS IF Sampling A/D Converter 12位,65 MSPS的中频采样的A / D转换 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor 12位,65 MSPS的中频采样的A / D转换
|
Analog Devices, Inc.
|
LTC1605-1CG LTC1605-2IG LTC1605-1CGTRPBF LTC1605-2 |
16-Bit, 100ksps, Sampling ADC; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 16-Bit, 100ksps, Sampling ADC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 Single Supply 16-Bit/ 100ksps/ Sampling ADCs Single Supply 16-Bit, 100ksps, Sampling ADCs
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
AD7813YR-REEL AD7813YR-REEL7 AD7813YRU-REEL AD7813 |
2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC 2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADS-118A ADS-118 ADS-118AMC ADS-118AMM ADS-118MC A |
12-Bit, 5MHz, low-power sampling A/D converter 12-Bit, 5MHz, Low-Power Sampling A/D Converters 12位,5MHz的,低功耗采A / D转换
|
List of Unclassifed Manufacturers ETC Datel Electronic Theatre Controls, Inc.
|