PART |
Description |
Maker |
BA2107G-TR |
Low Noise Output Full Swing Operational Amplifier
|
ROHM
|
BD12730G-TR |
Low Current Consumption Input/Output Full Swing Operational Amplifier
|
Rohm
|
NJM2730 NJM2730F |
Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
|
New Japan Radio njr
|
BU7253SF-E2 |
Input Full Swing, Open Drain Output Low Supply Current CMOS Comparator
|
ROHM
|
BU7261G BU7261SG-TR BU7262F BU7262F-E2 BU7261G-TR |
Input/Output Full Swing Input/Output Full Swing
|
Rohm
|
NJU7043V NJU7043RB1 NJU7043M NJU7043D NJU7043 |
Input/Output Full-Swing High Output Current Dual C-MOS Operational Amplifier 输入/输出全摆幅高输出电流双的C - MOS运算放大
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
NJM2747 |
Single Supply Quad Operational Amplifier with Full Swing Output From old datasheet system
|
New Japan Radio
|
ISL3150E ISL3150EIBZ ISL3150EIUZ ISL3152E ISL3152E |
【16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
JITO2-DP5DE132.8100MHZ JITO2-DC3BM22.2184MHZ JITO2 |
CRYSTAL OSCILLATOR, CLOCK, 132.81 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 22.2184 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 22.1184 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 37.5 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 3.2 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 65 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 65.536 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 34.368 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 0.34 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 65.1 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 50.688 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 58.9824 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 7.5 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 69.148 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 50.7 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 0.85 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 4.8 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 14.75 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 20.48 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 156.25 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 48.75 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 63.7 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 0.4608 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 74.25 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 53.125 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 73.728 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 0.9216 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 31.25 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 0.468 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 106.25 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 6.14 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 24.576 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 24.5454 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 24 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 6.144 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 12.4416 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 24.54 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 24.671 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 0.66 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 15.36 MHz, HCMOS OUTPUT FULL SIZE, DIP-4 CRYSTAL OSCILLATOR, CLOCK, 27 MHz, HCMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 30 MHz, HCMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 160 MHz, HCMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16 MHz, HCMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 25 MHz, HCMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 21.25 MHz, HCMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 41.66 MHz, HCMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40 MHz, HCMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 150 MHz, HCMOS OUTPUT
|
IRC Advanced Film Fox Electronics
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
ADA4691-2 ADA4691-4 |
Low Power, Wideband, Low Noise, Rail-to-Rail Output, Dual Op Amp Low Power, 3.6 MH<span style="text-transform: lowercase">z</span>, Low Noise, Rail-to-Rail Output, Quad Op Amp
|
Analog Devices
|
|