PART |
Description |
Maker |
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT74FCT163373C IDT74FCT163373CPA IDT74FCT163373CP |
3.3V 16-Bit Transparent Latch 3.3V CMOS 16-BIT TRANSPARENT LATCH
|
IDT
|
74F373 MSA20 74F373MSA 74F373PC 74F373SC 74F373SJ |
74F373 Octal Transparent Latch with 3-STATE Outputs Octal Transparent Latch with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Tape & Reel F/FAST SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
MC14514 MC14514B MC14514BCP MC14514BDW MC14514BDWR |
4-Bit Transparent Latch/4-to-16 Line Decoder 4位透明Latch/4-to-16线译码器 4-Bit Transparent Latch/4-to-16 Line Decoder
|
ONSEMI[ON Semiconductor]
|
74LVC573ABQ |
Octal D-type transparent latch with 5 V tolerant inputs-outputs; 3-state LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PQCC20 74LVC573A; Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
|
NXP Semiconductors N.V. Philips
|
74ALVC162373 74ALVC162373T 74ALVC162373TX |
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74F843SCX |
9-Bit Transparent Latch
|
Fairchild Semiconductor
|
DM74ALS563A DM74ALS563AWM DM74ALS563AN DM74ALS563A |
From old datasheet system Octal D-Type Transparent Latch with 3-STATE Output 8-Bit D-Type Latch RECTIFIER SBR SINGLE 2A 30V 75A-ifsm 0.42Vf 0.4mA-ir PowerDI-123 3K/REEL
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
IDT74FCT163373APA IDT74FCT163373APF IDT74FCT163373 |
3.3V CMOS 16-BIT TRANSPARENT LATCH
|
IDT Integrated Device Technology
|
MC14514B-D |
4-Bit Transparent Latch/4-to-16 Line Decoder
|
ON Semiconductor
|
74ALVT16373-3-15 |
2.5V/3.3V 16-bit transparent D-type latch (3-State)
|
NXP Semiconductors
|