PART |
Description |
Maker |
0702871038 |
2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with Retention Pin, 80 Circuits, 6.10mm (.240) Mating Pin Length, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
M20-E050445 |
2.54mm Pitch DIL Vertical PC Tail Pin Header, 6mm mating pin height, gold (hi-temp mould), 4 4-way 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
61004021121 61004621121 61002421121 |
2.54MM DUAL SMT PIN HEADER
|
Wurth Elektronik GmbH &...
|
70287-1005 0702871005 |
2.54mm (.100") Pitch C-Grid庐 Header, Breakaway, Dual Row, Vertical, with Retention Pin, 14 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating 2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with Retention Pin, 14 Circuits, 6.10mm (.240) Mating Pin Length, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
M20-9742946 M20-9743446 M20-9741242 M20-9701246 M2 |
2.54mm Pitch DIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, tin, 29 29-way 58 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, tin, 34 34-way 68 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, selective gold tin, 12 12-way 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 7mm mating pin height, tin, 12 12-way 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, selective gold tin, 10 10-way 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, tin, 25 25-way 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 12 12-way 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 11 11-way 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 7mm mating pin height, tin, 7 7-way 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, tin, 20 20-way 40 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 18 18-way 36 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, tin, 7 7-way 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 22 22-way
|
Harwin PLC HARWIN INC
|
M20-9720245 M20-9720246 |
2.54mm PITCH DIL VERTICAL PC TAIL PIN HEADER
|
Harwin Plc
|
22-28-8023 0022288023 42377-0107 |
2.54mm (.100") Pitch KK庐 Header, Breakaway, Right Angle Surface Mount Compatible, 2 Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating, Mating Pin Length 8.23m 2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 2 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 8.23mm (.324)
|
Molex Electronics Ltd.
|
0022288053 22-28-8053 42377-0110 |
2.54mm (.100") Pitch KK庐 Header, Breakaway, Right Angle Surface Mount Compatible, 5 Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating, Mating Pin Length 8.23m 2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 5 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 8.23mm (.324)
|
Molex Electronics Ltd.
|
22-28-4194 0022284194 |
2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, 19 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320) 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 19 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
|
Molex Electronics Ltd.
|
0022284176 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 17 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240) 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, 17 Circuits, 0.76楼矛m (30楼矛) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240)
|
Molex Electronics Ltd.
|
22-28-4024 |
2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, 2 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320) 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 2 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
|
Molex Electronics Ltd.
|
|