PART |
Description |
Maker |
6101XX249121 610114249121 610108249121 |
WR-PHD - 2.54MM PIN HEADER - SMT TYPE DOUBLE ROW RIGHT ANGLE
|
Wurth Elektronik GmbH &...
|
M20-8771546 M20-8771442 M20-8770242 M20-8770246 M2 |
2.54mm Pitch SIL SMT Pin Header, tin, 15-way 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Pin Header, selective gold tin, 14-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Pin Header, selective gold tin, 2-way 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Pin Header, tin, 2-way 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Pin Header, tin, 31-way 31 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
70287-1020 0702871020 |
2.54mm (.100) Pitch C-Grid庐 Header, Breakaway, Dual Row, Vertical, with Retention Pin, 44 Circuits, 6.10mm (.240) Mating Pin Length, Tin (Sn) Plating 2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with Retention Pin, 44 Circuits, 6.10mm (.240) Mating Pin Length, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
0702871200 70287-1200 |
2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with RetentionPin, 12 Circuits, 6.10mm (.240) Mating Pin Length, 0.76μm (30μ) Gold (Au) Selective 2.54mm (.100") Pitch C-Grid垄莽 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 12 Circuits, 6.10mm (.240") Mating Pin Length, 0.76楼矛m (30楼矛") Gold (Au)
|
Molex Electronics Ltd.
|
0702871202 |
2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with RetentionPin, 16 Circuits, 6.10mm (.240) Mating Pin Length, 0.76μm (30μ) Gold (Au) Selective 2.54mm (.100") Pitch C-Grid垄莽 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 16 Circuits, 6.10mm (.240") Mating Pin Length, 0.76楼矛m (30楼矛") Gold (Au)
|
Molex Electronics Ltd.
|
0702871216 70287-1216 |
2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with RetentionPin, 44 Circuits, 6.10mm (.240) Mating Pin Length, 0.76μm (30μ) Gold (Au) Selective 2.54mm (.100") Pitch C-Grid垄莽 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 44 Circuits, 6.10mm (.240") Mating Pin Length, 0.76楼矛m (30楼矛") Gold (Au)
|
Molex Electronics Ltd.
|
0702871209 70287-1209 |
2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with RetentionPin, 30 Circuits, 6.10mm (.240) Mating Pin Length, 0.76μm (30μ) Gold (Au) Selective 2.54mm (.100") Pitch C-Grid垄莽 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 30 Circuits, 6.10mm (.240") Mating Pin Length, 0.76楼矛m (30楼矛") Gold (Au)
|
Molex Electronics Ltd.
|
0010894246 10-89-4246 70216-0401 |
2.54mm (.100") Pitch C-Grid庐 Breakaway Header, High Profile, Dual Row, Right Angle,24 Circuits, 6.10mm (.240") Mating Pin Length, 0.76渭m (30渭") Gold (Au) Select 2.54mm (.100) Pitch C-Grid? Breakaway Header, High Profile, Dual Row, Right Angle,24 Circuits, 6.10mm (.240) Mating Pin Length, 0.76μm (30μ) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
0010894142 10-89-4142 A-70216-0240 |
2.54mm (.100") Pitch C-Grid庐 Breakaway Header, High Profile, Dual Row, Right Angle, 14 Circuits, 6.10mm (.240") Mating Pin Length, 0.38渭m (15渭") Gold (Au) Selec 2.54mm (.100) Pitch C-Grid? Breakaway Header, High Profile, Dual Row, Right Angle, 14 Circuits, 6.10mm (.240) Mating Pin Length, 0.38μm (15μ) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
0702871093 |
2.54mm (.100) Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 92 Circuits
|
Molex Electronics Ltd.
|
0702871080 70287-1080 |
2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 66 Circuits 2.54mm (.100) Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 66 Circuits
|
Molex Electronics Ltd.
|
|