PART |
Description |
Maker |
MJW16212-D |
SCANSWITCH NPN Bipolar Power Deflection Transistor For High and Very High Resolution Monitors POWER TRANSISTOR
|
ON Semiconductor
|
BUL53B |
ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR 12 A, 250 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
BUX39 |
HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR 30 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-3
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
KSC5305 KSC5305D KSC5305DFTTU KSC5305DTU |
High Voltage High Speed Power Switch Application 5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB NPN Silicon Transistor
|
Fairchild Semiconductor, Corp.
|
STP80N03L-06 4881 |
N-Channel Enhancement Mode "Ultra High Density" Power MOS Transistor(N沟道增强模式高密度功率MOS晶体管) N沟道增强模式“超高密度”功率MOS晶体管(不适用沟道增强模式高密度功率马鞍山晶体管) N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR From old datasheet system N - CHANNEL ENHANCEMENT MODE "ULTRA HIGH DENSITY" POWER MOS TRANSISTOR
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
2SA1776 2SA1727 2SA1812 A5800343 2SA18121 |
High-voltage Switching Transistor (Telephone power supply) High-voltage Switching Transistor (Telephone power supply) (-400V/ -0.5A) High-voltage Switching Transistor (Telephone power supply) (-400V, -0.5A) High-voltage Switching Transistor (Telephone power supply) (-400V -0.5A) From old datasheet system Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) High-voltage Switching Transistor ( 400V, 0.5A)
|
ROHM[Rohm]
|
2N2222ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
UN100 |
NPN, high power transistor. For high power audio and linear applications. Power switching circuits such as relay or solenoid drivers, DC to DC converters or inverters. Vceo = 100Vdc, Vcer = 100Vdc, Vcb = 200Vdc, Veb = 7Vcd, Ic = 15Adc, PD
|
USHA India LTD
|
2N2907ADCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2SA1843 2SA1843M 2SA1843L |
Silicon power transistor PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | SIP 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 5A条一(c)|园区
|
NEC Corp.
|
UPA1428 UPA1428A UPA1428AH UPA1428AH-AZ |
NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE 2 A, 70 V, 4 CHANNEL, NPN, Si, POWER TRANSISTOR
|
NEC[NEC] NEC Corp.
|