PART |
Description |
Maker |
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 3-pin Low Power Loss Voltage Regulato r(100mA Type) Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation Series 3-Pin Low Power Loss Voltage Regulator Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 3-pin Low Power Loss Voltage Regulato (100mA Type)
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
NJL5175K NJL5175K-F1 NJL5175K-F10 NJL5175K-F2 NJL5 |
POSITION, LINEAR SENSOR-DIFFUSE, 0.7-0.7mm, 0.07-0.03mA, RECTANGULAR, THROUGH HOLE MOUNT Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 10 Vdc excitation 实景反射 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 1.5 mA excitation From old datasheet system PHOTO REFLECTOR
|
New Japan Radio Co., Ltd.
|
UPD78F9177YGB-8ES UPD78F9177GB-8ES |
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8位微控制器与2/4/8K字节在系统可编程闪存 Force/Pressure transducer; Compensated; Pressure Range: 0 to 15 psi 8位单片机
|
NEC, Corp. NEC Corp.
|
SC2128A SC2128A-C20S SC2128A-C20D SC2128A-M94S SC2 |
RES 330 OHM 1/16W .05% 0603 SMD Pressure Transducer, Series 19 mm, Uncompensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Uncompensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Uncompensated, Pressure Range: 0 psi to 30 psi, Gage, flush mount, 10 Vdc excitation REMOTE FAN CONTROL IC 遥控风扇控制IC RES 820 OHM 1/16W 0.5% 0402 SMD 遥控风扇控制IC RES 150 OHM 1/16W .05% 0603 SMD 遥控风扇控制IC RES 97.6K OHM 1/16W 0.1% 0402SMD 遥控风扇控制IC RES 82.0KOHM 1/16W 0.5% 0402 SMD 遥控风扇控制IC KJA SERIES I
|
SILAN[Silan Microelectronics Joint-stock] 杭州士景电子有限公司 Hangzhou Silan Microelectronics Co., Ltd. ???澹???靛???????
|
SC321 SC321-2 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 500 psi, Gage, flush mount with flange, 10 Vdc excitation FAST RECOVERY DIODE
|
FUJI ELECTRIC HOLDINGS CO., LTD. ETC[ETC] FUJI[Fuji Electric] List of Unclassifed Manufacturers
|
PIC16F76TI_PT PIC16F74TI_SO PIC16LF76I_L PIC16LF76 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers 28/40-Pin 8位CMOS闪存微控制器 28/40-pin, 8-bit CMOS FLASH Microcontrollers 28/40-pin位CMOS闪存微控制器 BBG ECL GATE OR/NOR DUAL; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 28/40-pin / 8-bit CMOS FLASH Microcontrollers Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, 1/4-18 NPT, 10 Vdc excitation Triple 2-Input XOR/XNOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, flush mount, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, Cell with body o-ring, 10 Vdc excitation Triple 4-3-3-Input NOR Gate; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 25 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, 7/16 UNF, 10 Vdc excitation BBG ECL GATE OR/NOR DUAL; Package: 20 LEAD PLLC; No of Pins: 20; Container: Tape and Reel; Qty per Container: 500 28/40-Pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
S12BDLCV1D S12BFV1D MC9S12DJ128E S12MEBIV3 S12CRGV |
MC9S12DT128 Device User Guide V02.09 MC9S12DT128设备的用户手册V02.09 ACB 19C 19#16 PIN RECP BOX MC9S12DT128设备的用户手册V02.09 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Gage, 1/8-27 NPT, 10 Vdc excitation
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
IPT0005D33R-A IPT0002A33R-A IPT0005G33R-A IPT0001D |
Integrated Pressure Transducer
|
Honeywell Solid State Electronics Center
|
HCXPMXXXX HCX001A6H HCX001A6V HCX001D6V HCX001XXX |
Fully signal conditioned pressure transducer
|
List of Unclassifed Manufacturers ETC[ETC]
|
163PC01D36-PCB 163PC01D48-PCB 163PC01D75-PCB 162PC |
Fully signal conditioned low pressure transducer
|
Sensortechnics GmbH
|
HCX001A6V |
(HCX Series) Fully Signal Conditioned Pressure Transducer
|
ETC
|
164PC01D76-PCB 164PC01D37-PCB |
Fully signal conditioned low pressure transducer
|
Sensortechnics GmbH
|
|