PART |
Description |
Maker |
STM32F102CB |
Mainstream USB Access line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 48 MHz CPU, USB FS
|
STMicroelectronics N.V.
|
STM32F100VCT6 STM32F100VCT6BTR STM32F100VCT7BTR ST |
Mainstream Value line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 256 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 24 MHz CPU, motor control and CEC functions High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes, 24 MHz CPU, motor control and CEC functions
|
ST Microelectronics STMicroelectronics N.V.
|
STM8S105C4B3 STM8S105C4B3C STM8S105C4B3CTR STM8S10 |
Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I漏梅C
|
STMicroelectronics
|
STM32F101RG |
XL-density access line, ARM-based 32-bit MCU with 768 KB to 1 MB Flash, 15 timers, 1 ADC and 10 communication interfaces
|
STMicroelectronics
|
STM32F101RCT6TR STM32F101ZET6TR STM32F101ZET6XXX S |
High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
|
STMicroelectronics
|
MAX161 MAX161ACPI MAX161ACWI MAX161AEPI MAX161AEWI |
CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System CMOS 8-Bit 8-Channel Data Acquisition System CMOS 8Bits 8 Channel DAS(CMOS 8 通道数据采集系统) 16-Bit Ultra-Low-Power MCU, 116KB Flash, 8KB RAM, 12-Bit ADC, Dual DAC, DMA, 3 OPAMP, 160 Seg LCD 100-LQFP -40 to 85 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 CMOS 8-Bit 8Channel Data Acquisition System CMOS0µs位通道数据采集系统
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
L9313 LUCL9313GP-DT LUCL9313AP-D LUCL9313AP-DT LUC |
Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
|
AGERE[Agere Systems]
|
STM32F101RB |
Access Line, Advanced ARM-based 32-bit MCU with Flash Memory,Six 16-bit Timers, ADC and Seven Communication Interfaces(基本型,先进的基于ARM内核2位Flash MCU6位计时器,ADC个通信接口) 接入线,先进的ARM为基础的快闪记忆体6位定时器,ADC个通信接口(基本型,先进的基于ARM的内核的32位闪存微控制器,66位计时器,模数转换器2位微控制个通信接口
|
STMicroelectronics N.V.
|
LUCL9312GP-D LUCL9312GP-DT L9312 LUCL9312AP-D LUCL |
Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
|
AGERE[Agere Systems]
|
STM32L031E4 |
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
|
STMicroelectronics
|
|