PART |
Description |
Maker |
74LVC1G08GN 74LVC1G08GW 74LVC1G08GV NXPSEMICONDUCT |
Single 2-input AND gate LVC/LCX/Z SERIES, 2-INPUT AND GATE, PDSO6 Single 2-input AND gate 单两输入与门
|
NXP Semiconductors N.V.
|
5962-88774012A 5962-88774012X 5962-8877401DX |
2/2-input and 3/3-input AND-NOR Gate Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps 2/2-input/3-input或非
|
TE Connectivity, Ltd.
|
ULS2822J ULS2822L ULS2025L ULS2025J ULS2003J ULS20 |
Single buffer (open drain) Single 2-input open drain NAND gate ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 逻辑IC Single 2-input AND gate 单两输入与门 Single exclusive OR gate EMI FILTER WITH ESD PROTECTION - (ASD) LNB supply and control voltage regulator (parallel interface) N - channel 100 V - 0.33 " - 2 A - SOT-223 STripFET™ Power MOSFET Single 2-input OR gate Single 2-input NAND gate TURBOSWITCH - ULTRA-FAST HIGH VOLTAGE DIODE Single bus buffer (3-state) Single inverter (open drain) Single Schmitt inverter ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
|
MC74VHC1GT00 MC74VHC1GT00-D MC74VHC1GT00DF1G MC74V |
Single 2 Input NAND Gate TTL level Single 2-Input NAND Gate/ CMOS Logic Level Shifter with LSTTL - Compatible Inputs
|
ON Semiconductor
|
ULS-2812H-883 ULS-2802H-883 ULS-2012H-883 ULS-2022 |
N-CHANNEL 100V - O.33 Ohm - 2A SOT-223 STRIPFET POWER MOSFET N-channel 500V - 2.5O - 4A - TO-220 PowerMESH II MOSFET Single exclusive OR gate Single bus buffer (3-state) SINGLE 8 CHANNEL ANALOG MULTIPLEXERS-DEMULTIPLEXERS Single 2-input OR gate ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS GPS PROCESSOR 八进制外设驱 Quad 2-input nand gate 2输入与非 Single inverter 单反相器 N-channel 100V - 0.32 O - 5A - TO-251/TO-252 STripFET™ Power MOSFET
|
Allegro MicroSystems, Inc. Panasonic, Corp.
|
NCS12S1212C NCS12D1205C NCS12D1212C NCS12D1215C NC |
UL 60950 recognition pending 4:1 Wide range voltage input Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
|
Murata Power Solutions Inc.
|
TSH31 TSH31I TSH31ID TSH31IDT |
280 MHZ BANDWIDTH MOS INPUT SINGLE OP-AMPS 280MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER 280 MHZ BANDWIDTH MOS INPUT SINGLE OP-AMPS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
DP1715ADF |
Dual input - AC & PV with single input option
|
FSP TECHNOLOGY INC.
|
IDT74LVCH1G86DY IDT74ALVC1G86 IDT74ALVC1G86DY IDT7 |
Adjustable Precision Shunt Regulator 3-TO-92 -40 to 85 3.3V CMOS Single 2 Input Exclusive-Or Gate 3.3V CMOS SINGLE 2-INPUT EXCLUSIVE-OR GATE
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
ADG842YKSZ-REEL ADG842 ADG841 ADG841YKSZ-500RL7 AD |
0.28 O CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Open for a Logic 1 Input; Package: SC70; No of Pins: 6; Temperature Range: Industrial 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO6 0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 0.28 Ω CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Closed for a Logic 1 Input
|
Analog Devices, Inc.
|
74AHCT1G08SE 74AHCT1G08SE-7 74AHCT1G08W5-7 |
SINGLE 2 INPUT POSITIVE AND GATE AHCT/VHCT/VT SERIES, 2-INPUT AND GATE, PDSO5 ROHS COMPLIANT, SOT-25, 5 PIN
|
Diodes Incorporated Diodes, Inc.
|
ISL28256 ISL28256FAZ-T7 ISL28156FHZ-T7 ISL28156FBZ |
39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
|
http:// Intersil Corporation
|