PART |
Description |
Maker |
R80C188XL-25 SB80C188XL-25 TN80C188XL-25 TS80C188X |
16-BIT, 25 MHz, MICROPROCESSOR, CQCC68 CERAMIC, LCC-68 16-BIT, 25 MHz, MICROPROCESSOR, PQFP80 SHRINK, QFP-80 16-BIT, 25 MHz, MICROPROCESSOR, PQCC68 PLASTIC, LCC-68 16-BIT, 25 MHz, MICROPROCESSOR, PQFP80 EIAJ, QFP-80 16-BIT, 12 MHz, MICROPROCESSOR, PQFP80 SHRINK, QFP-80 16-BIT, 12 MHz, MICROPROCESSOR, CPGA68 CERAMIC, PGA-68 16-BIT, 25 MHz, MICROPROCESSOR, CPGA68 CERAMIC, PGA-68
|
Intel, Corp.
|
MPC8543VUANG MPC8543VUANGA MPC8543VUANGB MPC8548VT |
32-BIT, 800 MHz, MICROPROCESSOR, CBGA783 29 X 29 MM, 1 MM PITCH, FLIP CHIP, LEAD FREE, CERAMIC, BGA-783 32-BIT, 1000 MHz, MICROPROCESSOR, PBGA783 32-BIT, 1000 MHz, MICROPROCESSOR, CBGA783
|
Freescale Semiconductor, Inc. FREESCALE SEMICONDUCTOR INC
|
5962R9572201QXC 5962R9572201VXC 5962R9572201VQC 59 |
Microprocessor, CMOS, 16-Bit, 8MHz, 500A, 12mA/MHz, Rad-Hard Radiation Hardened 16-Bit CMOS Microprocessor
|
Intersil Corporation
|
ICL7109IDL ICL7109IPL ICL7109IJL ICL7109MDL ICL710 |
12-Bit, Microprocessor- Compatible A/D Converter 1-CH 12-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, CDIP40 12-Bit/ Microprocessor- Compatible A/D Converter
|
http:// INTERSIL CORP
|
PD705100GJ-100-8EU UPD705100GJ-100-8EU |
32 Bit Single Chip Microprocessor(32 位单片微处理 32-BIT, 100 MHz, RISC PROCESSOR, PQFP144 32 Bit Single Chip Microprocessor(32 浣????井澶????
|
NEC Corp.
|
MC68000P12F MC68008FN12 MC68010CLC16 MC68000CLC12F |
32-BIT, 16.67 MHz, MICROPROCESSOR, PDIP64 PLASTIC, DIP-64 32-BIT, 12 MHz, MICROPROCESSOR, PDIP64 PLASTIC, DIP-64 32-BIT, 12 MHz, MICROPROCESSOR, PQCC52 32-BIT, 16.67 MHz, MICROPROCESSOR, CDIP64
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
N80C186XL-16 A80C186XL-16 N80C188XL-16 TR80C188XL- |
16-Bit Microprocessor 16位微处理 Microprocessor 微处理器
|
Panduit, Corp. RF Monolithics, Inc.
|
UPD70208HLP-10 UPD70208HGF-16-3B9 UPD70208HLP-12 U |
V40HLTM, V50HLTM 16/8, 16-BIT MICROPROCESSOR V40HLTM/ V50HLTM 16/8/ 16-BIT MICROPROCESSOR V40HLTM, V50HLTM 16/8, 16-BIT MICROPROCESSOR V40HLTM,V50HLTM 16 / 86位微处理 V40HLTM, V50HLTM 16/8, 16-BIT MICROPROCESSOR V40HLTM,V50HLTM 16 / 816位微处理 CONNECTOR ACCESSORY
|
NEC, Corp. NEC Corp.
|
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|
RJ80530UY850512 RJ80530LY800512 |
32-BIT, 850 MHz, MICROPROCESSOR, PBGA479 MICRO, FCBGA-479 32-BIT, 800 MHz, MICROPROCESSOR, PBGA479
|
Intel, Corp. INTEL CORP
|
AM486DX2 AMD-X5-133SDZ AMD-X5-133AFW AMD-X5-133SFZ |
Am5X86??Microprocessor Family Am5X86 Microprocessor Family Am5X86Microprocessor Family 32-BIT, 133 MHz, MICROPROCESSOR, PQFP208
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
|