PART |
Description |
Maker |
M24SR02-YMC6T/2 |
2-Kbit Dynamic NFC / RFID tag with NFC Forum Tag Type 4 and I2C interface
|
ST Microelectronics
|
SRTAG2KL |
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
|
STMicroelectronics
|
MLX90131 |
13.56MHz RFID/NFC Transceiver
|
http:// Melexis Microelectronic Systems
|
NTAG213F |
(NTAG213F / NTAG216F) NFC Forum Type 2 Tag compliant IC
|
NXP
|
A9213A |
ISO/IEC 14443A RFID TAG IC
|
AMIC Technology
|
NTAG213F NTAG216F NT2H1311F0DTL NT2H1611F0DTL |
NFC Forum Type 2 Tag compliant IC with 144/888 bytes user memory and field detection
|
NXP Semiconductors
|
ART915X2117225TX21-IC |
LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
|
Abracon Corporation
|
UL1242N UL1242 |
Ukad wzmacniacza p.cz. UL1242N 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
|
List of Unclassifed Manufacturers Ultra CEMI ETC
|
M93C76-125 M93C66-125 |
Automotive 16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial EEPROM
|
STMicroelectronics
|
MCRF200I_1M14D MCRF200I1M14D MCRF200I_SN00A MCRF20 |
The MCRF200 is a low cost one time contactlessly programmable passive Radio Frequency Indentification (RFID) IC device for low frequency applications (100 kMz - 400 kMz). The device has a total of 128 bits of memory and can be configured w 125 kHz microID⑩ Passive RFID Device 125 kHz microID Passive RFID Device 125 kHz microID?/a> Passive RFID Device AC 4C 4#8 SKT PLUG ER 19C 19#16 SKT PLUG 125 kHz microIDPassive RFID Device 125千赫microID⑩无RFID器件 125 kHz microIDPassive RFID Device 125千赫microID⑩无源RFID器件 125 kHz microID?Passive RFID Device
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
M48T59 M48T59-70MH1 M48T59-70MH1E M48T59-70MH1F M4 |
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER庐 SRAM 5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER? SRAM 0 TIMER(S), REAL TIME CLOCK, PDIP28
|
STMicroelectronics
|
M9504008 M95020 M95040 M95010 |
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
|
STMicroelectronics http://
|