PART |
Description |
Maker |
IXXH30N60B3 |
XPTTM 600V IGBT
|
IXYS Corporation
|
IXYH40N120C3D1 |
1200V XPTTM IGBT
|
IXYS Corporation
|
IXYX50N170C |
High Voltage XPTTM IGBT
|
IXYS Corporation
|
HGT1Y40N60B3D |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 40A I(C) | TO-264 70A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
|
FAIRCHILD[Fairchild Semiconductor]
|
IRG4PC50F IRG4PC50F-E |
70 A, 600 V, N-CHANNEL IGBT, TO-247AC 70 A, 600 V, N-CHANNEL IGBT, TO-247AD INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A) 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package
|
IRF[International Rectifier]
|
STGB3NB60SD STGB3NB60SDT4 |
N-CHANNEL 3A - 600V D2PAK Power MESHIGBT N沟道3A 600V的D2PAK封装IGBT的电力网格⑩ Transient Surge Protection Thyristor; Package/Case:6-SOIC; Current, It av:2.2A; Reel Quantity:1500; Capacitance:100pF; Forward Current:5A; Forward Voltage:12V; Holding Current:100uA; Mounting Type:Surface Mount N沟道3A 600V的IGBT的采用D2PAK POWERMESH N-CHANNEL 3A - 600V D2PAK Power MESH IGBT N-CHANNEL 3A - 600V D2PAK POWERMESH IGBT N-CHANNEL 3A - 600V D2PAK Power MESH⑩ IGBT
|
ST Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
HGTG30N60C3D FN4041 |
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes(63A, 600V, UFS系列 N沟道绝缘栅双极型晶体 63 A, 600 V, N-CHANNEL IGBT, TO-247 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HGTG30N60B3D |
60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(60A, 600V, UFS系列 带超快二极管N沟道绝缘栅双极型晶体 60 A, 600 V, N-CHANNEL IGBT, TO-247
|
Intersil, Corp.
|
FGH75N60SF FGH75N60SFTU |
Discrete IGBT IGBT, TO-247AB ROHS COMPLIANT PACKAGE-3 600V, 75A Field Stop IGBT
|
Fairchild Semiconductor, Corp.
|
|