PART |
Description |
Maker |
IS75V16F128GS32-7065BI |
3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
|
Integrated Silicon Solution, Inc.
|
IS75V16F128GS32 IS75V16F128GS32-7065BI |
3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
CY62136ESL-45ZSXIT |
2-Mbit (128 K 16) Static RAM
|
Cypress
|
CY62158ELL-45ZSXI |
8-Mbit (1 M x 8) Static RAM Automatic power down when deselected MoBL® 8-Mbit (1M x 8) Static RAM 1M X 8 STANDARD SRAM, 45 ns, PDSO44
|
Cypress Semiconductor, Corp.
|
CY62126EV30 CY62126EV30LL CY62126EV30LL-45ZSXI CY6 |
1-Mbit (64 K x 16) Static RAM Automatic power down when deselected 1-Mbit (64K x 16) Static RAM 64K X 16 STANDARD SRAM, 45 ns, PDSO44
|
Cypress Semiconductor, Corp.
|
CY62157DV3006 CY62157DV30L-55BVXE CY62157DV30L-55B |
8-Mbit (512K x 16) MoBL㈢ Static RAM 8-Mbit (512K x 16) MoBL? Static RAM 8-Mbit (512K x 16) MoBL垄莽 Static RAM 8-Mbit (512K x 16) MoBL Static RAM
|
Cypress Semiconductor
|
K6T1008C2C K6T1008C2C-RB55 K6T1008C2C-RB70 K6T1008 |
128K X 8 STANDARD SRAM, 70 ns, PDSO32 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功CMOS静态RAM 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功耗CMOS静态RAM 55/70ns; V(cc): 4.5 to 5.5V; 128 x 8-bit low power CMOS static RAM 55ns; 128 x 8-bit low power CMOS static RAM 70ns; 128 x 8-bit low power CMOS static RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic
|
SST4117A SST4118A |
1-Mb (128K x 8) Static RAM 1-Mbit (64K x 16) Static RAM 晶体管|场效应| N沟道| 80uA电流我(直)| SOT - 23封装
|
Electronic Theatre Controls, Inc.
|
Y51-03 Y51-02 Y21-01 Y31-01 Y41-03 Y61-03 Y21-02 Y |
VALVE STARTUP 3/8 阀门启8 VALVE SHUT OFF 1/8 阀门关闭了1 / 8 VALVE STARTUP 1/2 阀门启 / 2 VALVE SHUT OFF 1/4 阀门关闭了1 / 4 VALVE SHUT OFF 3/4 VALVE STARTUP 1/4 IC SRAM 512KX36 2.5V SYN 100TQFP VALVE SHUT OFF 1/2 BRACKET T 1-Mbit (128K x 8) Static RAM IC MCU 8K FULL SPEED USB 28SDIP BRACKET L 1M/512K FAST ASYNC SRAM 5V, 3.3V, ISR High-Performance CPLDs 256K (32K x 8) Static RAM -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash SPACER EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller 1-Mbit (64K x 16) Static RAM 2M x 8 Static RAM 36-Mbit DDR-II SRAM 2-Word Burst Architecture BRANCH UNIT
|
AMIC Technology, Corp. Vishay Intertechnology, Inc. NXP Semiconductors N.V. Harwin PLC
|