PART |
Description |
Maker |
BD46E341G-MTR BD45E342G-M BD45E341G-MTR BD46E345G- |
Voltage Detector with Fixed Delay Time
|
ROHM
|
BU45L382G-TL BU46K322G-TL BU46K332G-TL BU46K324G B |
Voltage Detector with Fixed Delay Time
|
ROHM
|
MC78T05ABT MC78T15ACT MC78T05CD2TR4 MC78T00 MC78T1 |
THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, PSFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 5 V FIXED POSITIVE REGULATOR, PSSO2 Replaced by PTH05030W,PTH05T210W : 1.3 TO 3.5VOUT 32AMP 5V-INPUT 'SLEDGE HAMMER' PROGRAMMABLE ISR 27-SIP MODULE MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 22 SHELL SIZE, 22-22 INSERT ARRANGEMENT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. ON Semiconductor
|
MAX8211IPA MAX8212CTY/HR MAX8211CTY/HR MAX8211MJA/ |
Voltage Detector 1-CHANNEL POWER SUPPLY SUPPORT CKT, UUC5 Voltage Detector 电压检测器
|
Maxim Integrated Products, Inc.
|
NCP304HSQ09T1 NCP304HSQ10T1 NCP304HSQ11T1 NCP304HS |
Voltage Detector Series 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 2.6 V Voltage Detector with Reset Low Open Drain N-Channel output ; Package: SC-82AB 4 LEAD 2.0x1.25x0.95 mm, max with leads is 2.2x2.4x1.1mm; No of Pins: 4; Container: Tape and Reel; Qty per Container: 3000 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Single Output LDO, 250mA, Fixed(1.5V), Low Quiescent Current, Power Good (PG) Output 8-SOIC
|
ON Semiconductor 电源管理 http://
|
IP3R18AV-05 IP3R18AV-12 IP3R18AV-15 IP3R18V-15 IP1 |
5 AMP POSITIVE VOLTAGE REGULATORS Circular Connector; No. of Contacts:79; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PSFM3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 CAT5E PATCH CABLE 350MHZ, ST-PIN, USOC-BGE 12 V FIXED POSITIVE REGULATOR, MBFM2 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MBFM2 5.0 AMP POSITIVE VOLTAGE REGULATOR 12 V FIXED POSITIVE REGULATOR, PSFM3 Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBFM2 13W3 MALE-4BNC, MALE ADAPTER C
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. Vishay Intertechnology, Inc. SEMELAB LTD
|
MCP112T-300LB MCP112T-300E MCP112T-290E MCP112T-29 |
Micropower Voltage Detector 微功耗电压检测器 PC Board Connector; No. of Contacts:4; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PBT Polyester; Contact Material:Brass; Gender:Female; Series:41815 (MCP111 / MCP112) Micropower Voltage Detector
|
Microchip Technology, Inc. Microchip Technology Inc.
|
OM1905N2M OM1912N2M |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWING
|
International Rectifier
|
OM1915NMM OM1905NMM OM1912NMM |
HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS Hi-Rel Fixed Voltage 3-Terminal Negative Regulator
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] International Rectifier
|
R3111E091A-TZ |
IC,VOLT DETECTOR,FIXED, 0.9V,CMOS,SIP,3PIN,PLASTIC From old datasheet system
|
Ricoh Corp
|