PART |
Description |
Maker |
RTL8188CUS-GR |
Single Chip IEEE 802.11b/g/n 1T1R WLAN Controller
|
Realtek
|
RTL8188RE-GR |
Single Chip IEEE 802.11b/g/n 1T1R WLAN Controller w/PCI Express Interface
|
Realtek
|
ISL38001C-CD ISL38001C-EVAL |
PTSE 8C 8#20 STR PLUG Circular Connector; No. of Contacts:10; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:12-10 RoHS Compliant: No ISL38001C PRISM GT Cardbus32 IEEE 802.11g/ 802.11b WLAN NIC ISL38001C PRISM GT Cardbus32 IEEE 802.11g, 802.11b WLAN NIC
|
Intersil Corporation
|
BCM43364 CYW43364KUBG CYW43364KUBGT BCM43364KUBGT |
Single-band 2.4 GHz IEEE 802.11b/g/n Single-band 2.4 GHz IEEE 802.11b/g/n
|
Cypress Semiconductor
|
AT76C505 |
AT76C505 single-chip MAC and Baseband with low power ARM7TDMI?RISC processor, Full-speed (12 Mbps) USB Interface, On-chip Boot-ROM, integrated 6K x 32-bit Internal SRAM, 128- CABGA Package, 3.3V operation, Integrated 802.11b baseband proc 802.11b Media Access Controller (MAC) and Baseband with USB Interface
|
ATMEL[ATMEL Corporation]
|
WIFI-300 968EMW0001 |
USB-type IEEE 802.11b/g WiFi Dongle
|
Advantech Co., Ltd.
|
431311100260 431311100290 431111100245 43111110026 |
2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
|
List of Unclassifed Manufacturers ETC[ETC]
|
ATWILC3000 |
Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
|
ATMEL Corporation
|
WAP-6150 |
300Mbps Compatible with IEEE 802.11b/g/n wireless standards Multi-operation modes to suit different wireless applications
|
Level One
|
BCM4319XKUBGT |
Single-Chip IEEE 802.11?a/b/g/n MAC/Baseband/ Radio with Integrated SDIO and USB Interfaces
|
Cypress Semiconductor
|
PRFS-P2023-EVL PRFS-P2023-007 PRFS-P2023-008 PRFS- |
2.4 GHz 802.11b/g WLAN Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 2.4 GHz 802.11b/g WLAN Power Amplifier 2.4 GHz02.11b / g无线功率放大
|
ANADIGICS, Inc. ANADIGICS INC
|
BCM43353 BCM43353LIUBGT |
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
|
Cypress Semiconductor
|