PART |
Description |
Maker |
HIP6303 HIP6303CB HIP6303CB-T HIP6303EVAL1 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2-4 Phase Sync Buck, 4-Bit VID DAC, 1.30V to 2.05V in 50mV Steps, % Reg, AMD Athlon Compatible
|
INTERSIL[Intersil Corporation]
|
ISL8104EVAL1Z ISL8104EVAL2Z ISL8104CBZ ISL8104CRZ |
8V to 14V, Single-Phase Synchronous Buck Pulse-Width Modulation PWM Controller With Integrated Gate Drivers Synchronous Buck Pulse-Width Modulator (PWM) Controller; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 3 A SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO14
|
Intersil Corporation Intersil, Corp.
|
EM4100A5CI2LC EM4100A5CX EM4100A5CY EM4100A6CB2RC |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC 模拟杂项 Analog Miscellaneous 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC Microprocessor CORE Voltage Regulator 2-4 Phase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-QFN Single 12V Input Supply Dual Regulator - Synchronous Rectified Buck PWM and Linear Power Controller; Temperature Range: -40°C to 85°C; Package: 16-QFN ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-SOIC ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-QFN T&R AnalogMiscellaneous
|
EPCOS AG TE Connectivity, Ltd.
|
HIP6301V HIP6302V |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2 Phase Sync Buck, 1.10V to 1.85V, .8% Reg, Programmable Droop Voltage, 5-Bit Dynamic VID DAC PWM Controller, 2-4 Phase Sync Buck, 1.10V to 1.85V, .8% Reg, Programmable Droop Voltage, 5-Bit Dynamic VID DAC
|
Intersil
|
ISL6530 ISL6530EVAL1 ISL6531EVAL1 |
PWM Controller, Dual, VDDQ =2.5V, VREF =VDDQ/2 @ 1% Reg, with S3 Sleep Mode, VIN =5V Dual 5V synchronous buck pulse-width modulator PWM controller for DDRAM memory V(ddq) and T(tt) termination
|
Intersil
|
ISL6217 ISL6217CV ISL6217CV-T ISL6217CVZ ISL6217CV |
PWM Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 38-TSSOP SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO38 PWM Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 38-TSSOP T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO38 Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV and IMVP-IV Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV垄芒 and IMVP-IV
|
Intersil, Corp. Intersil Corporation
|
AP2006 AP2006SA AP2006N AP2006NA AP2006S |
200KHz, PWM Buck DC/DC & Linear Controller 200KHz, PWM Buck DC/DC & Linear Controller
|
ANACHIP[Anachip Corp]
|
ISL8102IRZ INTERSILCORP-ISL8102CRZ-T |
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers SWITCHING CONTROLLER, PQCC32
|
Intersil, Corp.
|
AP2014ASMG-13 AP2014SMG-13 |
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER 0.5 A SWITCHING CONTROLLER, 460 kHz SWITCHING FREQ-MAX, PDSO8 SYNCHRONOUS PWM DC-DC BUCK CONTROLLER 0.5 A SWITCHING CONTROLLER, 230 kHz SWITCHING FREQ-MAX, PDSO8
|
Diodes, Inc.
|
HIP6004E HIP6004ECB HIP6004ECV HIP6004ECV-T |
Microprocessor DC-DC Converter, Buck/Sync-Rectifier, 5-Bit VID DAC, % Reg Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor Analog IC
|
Intersil Corporation
|
ADP1883ARMZ-0.3-EVALZ ADP1883ARMZ-0.3-R7 ADP1883AR |
SWITCHING CONTROLLER, PDSO10 ROHS COMPLIANT, MO-187BA, MSOP-10 Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
|
Analog Devices, Inc.
|
TS3404CS TS3404 TS3404CD |
PWM Buck Controller
|
TSC[Taiwan Semiconductor Company, Ltd]
|