PART |
Description |
Maker |
TSA1203_06 SA1203I TSA1203IF TSA1203IFT-E TSA12030 |
Dual-channel 12-bit 40Msps 215mW A/D converter
|
STMICROELECTRONICS[STMicroelectronics]
|
TSA1203 TSA1203IF TSA1203IFT |
DUAL-CHANNEL, 12-BIT, 40MSPS, 230mW A/D CONVERTER
|
STMICROELECTRONICS[STMicroelectronics]
|
LTC2140-14 LTC2140-12 LTC2141-14 LTC2142-14 LTC557 |
12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs 2-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 9 X 9 MM, LEAD FREE, PLASTIC, MO-220WNJR-5, QFN-64
|
Linear Technology, Corp.
|
PI74FCT162543T PI74FCT16543T PI74FCT162H543T PI74F |
Fast CMOS 16-Bit Latched Transceivers Dual 12-Bit, 25Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C Dual 12-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C Dual 12-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C Dual Zero-Drift Operational Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Pericom Semiconductor C... PERICOM[Pericom Semiconductor Corporation]
|
AD526 1144 AD883B AD526CD AD526SD AD526B AD526JNZ |
Software Programmable Gain Amplifier 软件可编程增益放大器 Software Programmable Gain Amplifier INSTRUMENTATION AMPLIFIER, 1500 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDIP16 8 channel, 10 Bit, 40MSPS ADC, 1.8V 257-BGA MICROSTAR 0 to 70 10 Bit, 40MSPS ADC, 1.8V, Int/Ext Ref, w/Power-Down 48-TQFP -40 to 85 High Performance/ BiFET Operational Amplifiers From old datasheet system Software Programmable Gain Amplifier
|
Analog Devices, Inc.
|
MAX1206 MAX1206ETL MAX1207 MAX1208 MAX1209 MAX1211 |
40Msps / 12-Bit ADC 40Msps, 12-Bit ADC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
WM821407 WM8214SCDS_R WM8214 WM8214SCDS |
40MSPS 16-bit CCD Digitiser
|
WOLFSON[Wolfson Microelectronics plc]
|
AD9040A |
10-Bit 40 MSPS A/D Converters(40MSPS 10位A/D转换
|
Analog Devices, Inc.
|
MAX1434 MAX1436 MAX1436B MAX1437 MAX1438 |
Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
|
Maxim Integrated Products
|
MAX1436BECQTD |
Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs 8-CH 12-BIT COMPARATOR, ONE BIT ADC, SERIAL ACCESS, PQFP100
|
White Electronic Designs, Corp.
|