PART |
Description |
Maker |
S30SC4M |
Schottky Rectifiers (SBD) / Center Tap, Common Cathode (Three Terminal Type) RECTIFIER DIODES,COMMON CATHODE,SCHOTTKY,40V V(RRM),TO-247VAR
|
Shindengen Electric Mfg
|
SBA160-04Y |
Schottky Barrier Diode (Twin Type Cathode Common) 40V, 16A Rectifier 40V, 16A Rectifier(用于高频整流应用的重复反向电0V,平均整流电6A 整流 40V/ 16A Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
15CTQ045-1 15CTQ045S 15CTQ040S 15CTQS 15CTQ 15CTQ0 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 35V 15A Schottky Common Cathode Diode in a TO-262 package 45V 15A Schottky Common Cathode Diode in a TO-262 package 35V 15A Schottky Common Cathode Diode in a TO-220AB package 40V 15A Schottky Common Cathode Diode in a TO-220AB package 40V 15A Schottky Common Cathode Diode in a TO-262 package 40V 15A Schottky Common Cathode Diode in a D2-Pak package 45V 15A Schottky Common Cathode Diode in a D2-Pak package 35V 15A Schottky Common Cathode Diode in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
6CWQ04FN 6CWQ04FNTRL 6CWQ04FNTRR |
40V 7A Schottky Common Cathode Diode in a D-Pak package SCHOTTKY RECTIFIER
|
International Rectifier
|
81CNQ045A 81CNQ040A 81CNQ035A 81CNQ045ASM 81CNQ045 |
35V 80A Schottky Common Cathode Diode in a D61-8-SM package 40V 80A Schottky Common Cathode Diode in a D61-8-SL package 40V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 45V 80A Schottky Common Cathode Diode in a D61-8-SM package SCHOTTKY RECTIFIER New GenIII D-61 Package
|
International Rectifier INTERFET[InterFET Corporation]
|
12CTQ045-1 12CTQ045S 12CTQ040S 12CTQ045 12CTQ 12CT |
45V 12A Schottky Common Cathode Diode in a D2-Pak package 40V 12A Schottky Common Cathode Diode in a D2-Pak package 40V 12A Schottky Common Cathode Diode in a TO-262 package 45V 12A Schottky Common Cathode Diode in a TO-220AB package 40V 12A Schottky Common Cathode Diode in a TO-220AB package 35V 12A Schottky Common Cathode Diode in a D2-Pak package 35V 12A Schottky Common Cathode Diode in a TO-220AB package 45V 12A Schottky Common Cathode Diode in a TO-262 package 35V 12A Schottky Common Cathode Diode in a TO-262 package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
SBT250-04R |
Schottky Barrier Diode (Twin Type ・ Cathode Common) 40V, 25A Rectifier
|
Sanyo Semicon Device
|
SBT350-04R |
Schottky Barrier Diode (Twin Type 隆陇 Cathode Common) 40V, 35A Rectifier Schottky Barrier Diode (Twin Type ・ Cathode Common) 40V, 35A Rectifier
|
Sanyo Semicon Device
|
150CMQ 150CMQ035 150CMQ040 150CMQ045 |
45V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package 40V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package 35V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package SCHOTTKY RECTIFIER
|
International Rectifier
|
201CNQ045 201CNQ 201CNQ035 201CNQ040 |
SCHOTTKY RECTIFIER 35V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package 40V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package 45V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package
|
IRF[International Rectifier]
|
81CNQ040ASM FST8050SM FST8050SM1A |
40V 80A Schottky Common Cathode Diode in a D61-8-SM package 40V的共阴极80A条肖特基二极 8 -钐封装,D61 Schottky Rectifier 40 A, 50 V, SILICON, RECTIFIER DIODE
|
International Rectifier, Corp. MICROSEMI CORP
|
CDBV3-00340S-G CDBV3-00340A-G |
Small Signal Schottky Diodes, V-RRM=40V, V-R=40V, I-O=30mA
|
Comchip Technology
|