PART |
Description |
Maker |
STD15N60M2-EP |
Extremely low gate charge
|
STMicroelectronics
|
STY16NA90 |
N-CHANNEL 900 V - 0.5 OHM - 16 A - EXTREMELY LOW GATE CHARGE POWER MOSFET
|
ST Microelectronics
|
STFH10N60M2 |
Extremely low gate charge
|
STMicroelectronics
|
STP7N65M2 |
Extremely low gate charge
|
STMicroelectronics
|
STFH13N60M2 |
Extremely low gate charge
|
STMicroelectronics
|
STB13N60M2 STD13N60M2 |
Extremely low gate charge
|
STMicroelectronics
|
STI28N60M2 STB28N60M2 STW28N60M2 |
Extremely low gate charge
|
STMicroelectronics
|
AP2622GY-HF-14 |
Low Gate Charge Low Gate Charge, Small Package Outline, Surface Mount Package
|
Advanced Power Electron...
|
STP9N60M2 STD9N60M2 |
Extremely low gate charge N-channel 600 V, 0.72 Ohm typ., 5.5 A MDmesh II Plus(TM) low Qg Power MOSFET in DPAK package N-channel 600 V, 0.72 Ohm typ., 5.5 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220 package
|
STMicroelectronics ST Microelectronics
|
STY25NA60 6064 |
N - CHANNEL 600V - 0.225W - 25 A - Max247 EXSTREMELY LOW GATE CHARGE POWER MOSFET N - CHANNEL 600V - 0.225ohm - 25 A - Max247 EXSTREMELY LOW GATE CHARGE POWER MOSFET From old datasheet system N - CHANNEL 600V - 0.225 - 25 A - Max247 EXSTREMELY LOW GATE CHARGE POWER MOSFET N-CHANNEL Power MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP40NF1007 STP40NF10 |
N-channel 100V - 0.025 - 50A TO-220 Low gate charge STripFET II Power MOSFET N-channel 100V - 0.025з - 50A TO-220 Low gate charge STripFET⑩ II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|