PART |
Description |
Maker |
MCP3221A5T-E/OT MCP3221A5T-I/OT MCP3221A1T-I/OT MC |
TERMINAL IGBT模块 The Microchip Technology Inc. MCP3221 is a successive approximation A/D converter with 12-bit resolution. Available in the SOT-23 package, this device provides one single-ended input with very low power consumption. Based on an advanced CM KPT 18C 18#20 SKT PLUG Low Power 12-Bit A/D Converter With I2CInterface 560KBITS BRAM 400000 SYSTEM GATES 404 - - NOT RECOMMENDED for NEW DESIGN 560KBITS BRAM 400000 SYSTEM GATES 404 I/ - NOT RECOMMENDED for NEW DESIGN The Microchip Technology Inc. MCP3221 is a successive approximation A/D converter with 12-bit resolution. Available in the SOT-23 ... Low Power 12-Bit A/D Converter With I2C?/a> Interface Low Power 12-Bit A/D Converter With I2C Interface
|
Microchip Technology, Inc. Microchip Technology Inc.
|
DAN222_D ON0274 DAN222 |
SOT-16/SC-0 PACKAGE COMMON CATHODE From old datasheet system SOT-416/SC-90 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE SURFACE MOUNT
|
MOTOROLA INC ON Semi Motorola, Inc
|
IRU1205-18CL IRU1205-XX IRU1205 IRU1205CL IRU1205- |
CAP, ELYTC 1000MF 10V 20% 300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS 300mA的超低差型阳性可调和固定调节 0.3A Fixed LDO Linear Regulator in a SOT-23 5-Leads package 0.3A Adj LDO Linear Regulator in a SOT-23 5-Leads package
|
International Rectifier, Corp. IRF[International Rectifier]
|
LTC4210-1CS6 LTC4210-2IS6 LTC4210-2 LTC4210-1IS6 L |
From old datasheet system 2.7V to 16.5V, 6-Lead SOT-23 Hot Swap Controller in 6-Lead SOT-23 Package
|
LINER[Linear Technology]
|
PIC18F452-E/L PIC18F442-E/L PIC18F452-I/L PIC18F44 |
High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Microchip Technology Inc.
|
PM1012AZ PM1012AZ/883C PM156Z PM156J PM156AJ PM156 |
2.5µA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Analog to Digital Converter Operational Amplifier 运算放大
|
Rochester Electronics, LLC
|
ST04N20D |
TO-252 package design
|
Stanson Technology
|
ADG3231BRYZ-REEL7 ADG3231BRJZ-REEL7 |
SPECIALTY INTERFACE CIRCUIT, PDSO6 1.65 X 1.66 MM, 0.57 MM HEIGHT, LEAD FREE, SOT-66, 6 PIN Single-Channel Level Translator with Bi-directional 1.65 V to 3.6 V Level Shift; Package: SOT-23; No of Pins: 6; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
STW9C2SA |
Thermally Enhanced Package Design
|
Seoul Semiconductor
|
LTC6905CS5TRM |
17MHz to 170MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C PLL FREQUENCY SYNTHESIZER, PDSO5
|
Linear Technology, Corp.
|