PART |
Description |
Maker |
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
URA2405D-10WR2 URA2405XD-10WR2 |
REGULATED DUAL/SINGLE OUTPUTDIP PACKAGING, DC-DC CONVERTER REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
PZ8GG-1515E PZ8GG PZ8GG-0505E PZ8GG-0512E PZ8GG-05 |
Input voltage:12V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output FERRITE CHIP 40 OHM 550MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP BEAD 80 OHM SMD 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 1000 OHM 200MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 470 OHM 250MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 120 OHM 400MA 0402 FERRITE CHIP 240 OHM 300MA 0402 FERRITE CHIP 300 OHM 250MA 0402 FERRITE CHIP 600 OHM 250MA 0402 FERRITE CHIP BEAD 600 OHM SMD PZ8GGxxxxE 0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH] ETC[ETC] List of Unclassifed Manufacturers
|
NSD05-12S12 NSD05-12S15 NSD05-12S3 NSD05-12S5 NSD0 |
5W DC-DC Regulated Single Output
|
Mean Well Enterprises Co., Ltd.
|
SRS-0505 SRS-0509 SRS-0512 SRS-0515 SRS-4805 SRS-4 |
0.5W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd.
|
SPB03C-05 SPB03C-12 SPB03A-05 SPB03A-12 SPB03A-15 |
3W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd. http://
|
SPA02B-05 SPA02E-05 SPA02B-12 SPA02C-05 SPA02C-12 |
2W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd.
|
SCW05-SPEC SCW05A-05 SCW05A-09 SCW05A-12 SCW05A-15 |
5W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd.
|
W72 W7248-D5 W7215-D5 W7218-D5 W7224-D5 |
Single Output Regulated Power Supplies
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
P10SG-2405EH30 P10SG-0505EH30 P10SG-0509EH30 P10SG |
3 KV ISOLATED 2W REGULATED SINGLE OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|
P22TG-XXXXE41H35M |
3.5 KV ISOLATED 5 W REGULATED SINGLE OUTPUT DIP24l
|
PEAK electronics
|