PART |
Description |
Maker |
CLC1001IST6X |
Flammability rating of UL 94┸V0
|
Exar Corporation
|
XR21B1411IL16D2F |
Flammability rating of UL 94┸V0
|
Exar Corporation
|
P-MUSB-AA11-XX |
FLAMMABILITY RATING UL94V-0 BLACK
|
Amphenol Corporation
|
1A1KV |
Low Leakage Current Glass Passivated Junction Epoxy meets UL 94 V-0 flammability rating
|
TY Semiconductor Co., Ltd
|
22-50-3095 22-50-3045 22-50-3055 |
WO/B WR PR 9CCT GRN 7720SC09H 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SOCKET, IDT, 0.1", 24AWG, 4WAY; Gender:Socket; Ways, No. of:4; Termination method:IDT; Material, contact:Brass; Plating, contact:Tin; Series:KK 7720S; Approval category:UL94V-2; Colour:White; Flammability rating:UL94V-2; RoHS Compliant: Yes SOCKET, IDT, 0.1", 24AWG, 5WAY; Gender:Socket; Ways, No. of:5; Termination method:IDT; Material, contact:Brass; Plating, contact:Tin; Series:KK 7720S; Approval category:UL94V-2; Colour:White; Flammability rating:UL94V-2; RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
P-U77-A1110-8000P |
flammability ul 94 v-0
|
Amphenol Corporation
|
6202.2100 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 10A; Terminal Type: Solder Tabs; Protection class II; blackThermoplastic housing
|
SCHURTER INC
|
ETD29-K-H-5.0 |
Bobbin material: T375J Flammability Class: UL 94V-0
|
FERYSTER Inductive Components Manufacturer
|
4788.7000 |
IEC AC Power Outlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs
|
SCHURTER INC
|