PART |
Description |
Maker |
7924 78M05 78M12 78L12 7818 78L08 7805 78M08 7808 |
Ultralow Power, Rail-to-Rail Output Operational Amplifier (Dual); Package: SOIC; No of Pins: 8; Temperature Range: Industrial 3 terminal voltage regulators LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
|
Electronic Theatre Controls, Inc. CODI List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
CS5204-1GDP3 CS5204-1GDPR3 CS5204-3GDP3 CS5204-3GD |
4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 4.0可调,和3.3 V5.0 V固定线性稳压器 4A Adjustable, and 3.3V and 5V Fixed Linear Regulators
|
ONSEMI[ON Semiconductor]
|
NCV8503PWADJ NCV8503PWADJR2 NCV8503 NCV8503PW25 NC |
Micropower 400mA LDO Linear Regulators with ENABLE, DELAY, Adjustable /RESET, and General Use Comparator From old datasheet system Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 3.3 V FIXED POSITIVE LDO REGULATOR, PDSO16
|
ONSEMI[ON Semiconductor] 可调正电压单路输出LDO稳压
|
3CTL9 3CTL8 3ETL9-15 3CTL6 3CSH9 3ETL98 |
TASTER STANDARD 1.3 ROT 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 品酒师ERHOEHT施瓦5毫米 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 品酒师标.3施瓦 TASTER ERHOEHT SCHWARZ 8MM
|
TE Connectivity, Ltd.
|
CS5206-5GT3 CS5206-1 CS5206-1GDP3 CS5206-1GDPR3 CS |
6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO3 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 6.0A Adjustable Output 6.0A, 5V Output 6.0A, 3.3V Output
|
DB Lectro, Inc. ONSEMI[ON Semiconductor]
|
IRU1206 IRU1206-18 IRU1206-18CD IRU1206-18CY IRU12 |
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A非常低压差正,固定和可调调节 (IRU1206 - IRU1209) 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Adj LDO Linear Regulator in a SOIC 8-Lead package
|
International Rectifier, Corp. IRF[International Rectifier]
|
MAX8882 MAX8882EUTA5 MAX8882EUTAQ MAX8882EUTGG MAX |
Dual / Low-Noise / Low-Dropout / 160mA Linear Regulators in SOT23 SPANISH OAK REVD 56MHZ Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
NCP630_05 NCP630 NCP630AD2T NCP630AD2TG NCP630AD2T |
3.0A Fast Linear Voltage Regulators(快速线性稳压器) 3.0A的快速线性稳压器(快速线性稳压器 3.0 A Fast Linear Voltage Regulators
|
ONSEMI[ON Semiconductor]
|
SGM2023 |
RF-Linear Regulators
|
SG Micro Corp
|
SGM2024 |
RF-Linear Regulators
|
SG Micro Corp
|
SGM2015 |
Linear Regulators
|
Shengbang Microelectronics
|
NCV8504PWADJR2 NCV8504 NCV8504PW25 NCV8504PW25R2 N |
Micropower 400ma LDO Linear Regulators with DELAY, Adjustable /RESET, and General Use Comparator Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
|
ONSEMI[ON Semiconductor]
|