PART |
Description |
Maker |
AM29LV102B AM29LV102BB-120EC AM29LV102BB-120ECB AM |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory IC SMT SRAM 128K X 8 70NS 5V SOP-32 SRAM; Memory Type:Asynchronous SRAM; Memory Size:1MB; Memory Configuration:64K x 16; Access Time, Tacc:10ns; Package/Case:44-TSOP-II; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区32引脚闪存
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
CAT28F010NI-12T CAT28F010TI-90T CAT28F010TI-12T CA |
1 Megabit CMOS Flash Memory 128K X 8 FLASH 12V PROM, 90 ns, PDSO32 Bulk Erase Flash Memory, 1Mb 128K X 8 FLASH 12V PROM, 90 ns, PDIP32
|
http:// CATALYST[Catalyst Semiconductor] ON SEMICONDUCTOR
|
M29W160EB70N1 M29W160EB70N1T M29W160EB70N6 M29W160 |
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16兆位(含2Mb x8兆x16插槽,引导块3V电源快闪记忆 CAP 3300UF 6.3V ELECT FC RADIAL 16兆位(含2Mb x8兆x16插槽,引导块V电源快闪记忆 16 Mbit (2Mb x8 or 1Mb x16 / Boot Block) 3V Supply Flash Memory 16 MBIT (2MB X8 OR 1MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 70ns; V(in/out): -0.6 to 0.6V; 16Mbit (2Mb x 8 or 1Mb x 16, boot block) 3V supply flash memory
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
M36W216BI70ZA1T M36W216TI70ZA1T M36W216TI85ZA1T M3 |
16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product 16 MBIT (1MB X16, BOOT BLOCK) FLASH MEMORY AND 2 MBIT (128K X16) SRAM, MULTIPLE MEMORY PRODUCT 16 Mbit 1Mb x16 / Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM / Multiple Memory Product
|
ST Microelectronics
|
AT49HF010 AT49HF010-45JC AT49HF010-45JI AT49HF010- |
1-Megabit (128K x 8) 5-volt only CMOS flash memory, 40mA active, 0.3mA standby THERMISTOR, NTC; Series:B578; Thermistor type:NTC; Resistance:3kR; Tolerance, resistance: /-1%; Beta value:3988; Temperature, lower limit, beta DB25SC37 DSUB 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AM29F200AT-55EC AM29F200AT-55EE AM29F200AT-55EI AM |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 120 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 150 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 55 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 150 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
M48T129V-70PM1 M48T129V-85PM1 M48T129Y-70PM1 M48T1 |
3.3V-5V 1Mb (128K x 8) Timekeeper SRAM(1Mb TIMERKEEPEER SRAM) 5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
|
意法半导 STMicroelectronics
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
EN29LV010-90TC EN29LV010-70TCP EN29LV010-70SCP EN2 |
1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory 1兆位28K的8位)统一部门.0伏的CMOS只闪 1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory 1兆位28K的8位)统一部门3.0伏的CMOS只闪 1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory 1兆位128K的8位)统一部门.0伏的CMOS只闪
|
Eon Silicon Solution Inc. Electronic Theatre Controls, Inc. Eon Silicon Solution, Inc.
|
MBM29LV001BC-55 MBM29LV001BC-55PD MBM29LV001BC-55P |
FLASH MEMORY 1M (128K x 8) BIT
|
Fujitsu Microelectronics
|
M36W108AB M36W108AB100ZM1T M36W108AB100ZM5T M36W10 |
8 MBIT (1MB X8, BOOT BLOCK) FLASH MEMORY AND 1 MBIT (128KB X8) SRAM LOW VOLTAGE MULTI-MEMORY PRODUCT 8 Mbit (1Mb x8, Boot Block) Flash Memory and 1 Mbit (128Kb x8) SRAM Low Voltage Memory 8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product From old datasheet system
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|