PART |
Description |
Maker |
2SB1371 |
Silicon PNP triple diffusion planar type(For high power amplification) 6 A, 120 V, PNP, Si, POWER TRANSISTOR
|
TE Connectivity, Ltd. PANASONIC[Panasonic Semiconductor]
|
BC856BS |
65 V, 100 mA PNP/PNP general-purpose transistor 65 V, 100 mA PNP-PNP general-purpose transistor 100 mA, 65 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
BC858AW-7-F BC858BW-7-F BC857CW-7-F BC858CW-7-F BC |
TRANS PNP BIPOLAR 45V SOT-323 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Inc. Diodes, Inc. Diodes Incorporated
|
KSA1010RTU |
PNP Epitaxial Silicon Transistor; Package: TO-220; No of Pins: 3; Container: Rail 7 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
2N6437 2N6438 2N6437-D |
POWER TRANSISTORS PNP SILICON 25 A, 120 V, PNP, Si, POWER TRANSISTOR, TO-204AA High-Power PNP Silicon Transistors
|
ONSEMI[ON Semiconductor]
|
PHPT610035PK |
PNP/PNP matched high power double bipolar transistor
|
NXP
|
2N4399 |
PNP Silicon High-Power Transistor(60V(集电极-发射极)硅PNP大功率晶体管) 30 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
ON Semiconductor
|
PEMB24 PUMB24 |
PEMB24; PUMB24; PNP/PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm
|
Philips
|
2N2907ADCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
|