PART |
Description |
Maker |
PMP5501G PMP5501V PMP5501Y PMP5501Y135 PMP5501G115 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP/PNP matched double transistors; Package: SOT353 (UMT5); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
BCM62B-15 |
PNP/PNP matched double transistor
|
NXP Semiconductors
|
2SA1871 2SA1871-GA1-AZ |
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING 进步党三重扩散硅晶体管高速高压开 1 A, 600 V, PNP, Si, POWER TRANSISTOR High-speed high-voltage switching PNP 3-diffusion trans
|
NEC, Corp. NXP Semiconductors N.V. NEC[NEC]
|
BD138 BD138-10 BD138-16 BD140 BD140-10 BD140-16 BD |
PNP power transistors PNP power transistors 1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes PNP power transistor(PNP????朵?绠?
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
SFT503/GR SFT501/G SFT501/GR |
5 AMP 200 VOLTS PNP HIGH SPEED POWER TRANSISTOR 5 A, 150 V, PNP, Si, POWER TRANSISTOR
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
ZTX718 ZTX718-15 |
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR PNP Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
555 FMMT555_03 FMMT555 FMMT55503 |
PNP High Voltage Transistor SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
|
ZETEX[Zetex Semiconductors]
|
PMP5201V |
PNP Matched Double Transistor
|
Philips Semiconductors
|
MJE371 ON2036 |
POWER TRANSISTOR PNP SILICON 4 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-225AA 4 AMPERE POWER TRANSISTOR PNP SILICON 40 VOLTS 40 WATTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
JANTXV2N3791NBSP JAN2N3791 2N3791NBSP 2N3792 JANTX |
PNP Transistor PNP HIGH POWER SILICON TRANSISTOR
|
MICROSEMI[Microsemi Corporation]
|