PART |
Description |
Maker |
C13XX-XX |
OUTLINE, DUAL DIRECTIONAL COUPLER, SMA
|
Advanced Technical Materials Inc.
|
PE2201-6 |
SMA FEMALE DIRECTIONAL COUPLER FRQUENCY RANGE:1~2 GHZ
|
Pasternack Enterprises, Inc.
|
PE2202-10 |
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RNAGE:2-4 GHz
|
Pasternack Enterprises, Inc.
|
PE2204-10 |
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 4-8GHz
|
Pasternack Enterprises, Inc.
|
PE2202-6 |
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE: 2-4GHz
|
Pasternack Enterprises, Inc.
|
PE2209-10 |
SMA FEMALE DIRECTIONAL COUPLER BROADBAND FREQUENCY RANGE:1.0-4.0 GHz
|
Pasternack Enterprises, Inc.
|
PE2243-30 |
Directional 30 dB SMA Coupler From 500 MHz to 18 GHz Rated To 30 Watts
|
Pasternack Enterprises,...
|
ZNDC-13-2G |
TV 39C 37#20 2#16 SKT WALL REC 800 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.3 dB INSERTION LOSS-MAX Directional Coupler 50з 13dB 800 to 2000 MHz Directional Coupler 50 13dB 800 to 2000 MHz
|
MINI[Mini-Circuits]
|
BDCA-10-25 |
Bi-Directional Coupler 800 MHz - 2500 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX
|
ETC Mini-Circuits
|
ZFDC-10-5 |
Directional Coupler 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX
|
Mini-Circuits
|