PART |
Description |
Maker |
ZMM100 ZMM3.0 ZMM5.1 ZMM2.4 ZMM62 ZMM36 ZMM75 ZMM5 |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 SILICON PLANAR POWER ZENER DIODES Silicon Planar Zener Diodes
|
Semtech, Corp. SEMTECH[Semtech Corporation] Honey Technology
|
SMBZ5230 SMBZ5230B SMBZ5231 SMBZ5231B SMBZ5232 SMB |
SILICON PLANAR ZENER DIODES 500mW SOT-23 PACKAGE SILICON PLANAR ZENER DIODES, 500mW, SOT-23 PACKAGE SILICON PLANAR ZENER DIODES/ 500mW/ SOT-23 PACKAGE surface mount silicon Zener diodes VOLTAGE REGULATOR DIODE
|
http:// SURGE[Surge Components] Surge Components, Inc.
|
1N4760A-G 1N4743A-G 1N4733A-G 1N4732A-G 1N4748A-G |
Zener Diodes, P<sub>D</sub>=1Watts, V<sub>Z</sub>=68V Zener Diodes, P<sub>D</sub>=1Watts, V<sub>Z</sub>=13V Zener Diodes, P<sub>D</sub>=1Watts, V<sub>Z</sub>=5.1V Zener Diodes, P-D=1Watts, V-Z=4.7V Zener Diodes, P-D=1Watts, V-Z=22V Zener Diodes, P-D=1Watts, V-Z=91V Zener Diodes, P-D=1Watts, V-Z=75V Zener Diodes, P-D=1Watts, V-Z=10V Zener Diodes, P-D=1Watts, V-Z=3.9V Zener Diodes, P-D=1Watts, V-Z=51V Zener Diodes, P-D=1Watts, V-Z=16V Zener Diodes, P-D=1Watts, V-Z=36V Zener Diodes, P-D=1Watts, V-Z=7.5V Zener Diodes, P-D=1Watts, V-Z=11V Zener Diodes, P-D=1Watts, V-Z=82V Zener Diodes, P-D=1Watts, V-Z=33V Zener Diodes, P-D=1Watts, V-Z=47V Zener Diodes, P-D=1Watts, V-Z=43V Zener Diodes, P-D=1Watts, V-Z=56V Zener Diodes, P-D=1Watts, V-Z=8.2V Zener Diodes, P-D=1Watts, V-Z=15V Zener Diodes, P-D=1Watts, V-Z=39V Zener Diodes, P-D=1Watts, V-Z=62V Zener Diodes, P-D=1Watts, V-Z=27V
|
Comchip Technology
|
BZX55SERIES BZX55-C0V8 BZX55C13 BZX55C10 BZX55C11 |
Silicon planar zener diode. 0.5 W. Zener voltage range Vznom = 130 V, Izt = 1 mA for Vzt . Silicon planar zener diode. 0.5 W. Zener voltage range Vznom = 150 V, Izt = 1 mA for Vzt . 0.5W SILICON PLANAR ZENER DIODES 25 A standard and Snubberless" triacs Silicon planar zener diode. 0.5 W. Zener voltage range Vznom = 200 V, Izt = 1 mA for Vzt .
|
Shanghai Lunsure Electronic... Chenyi Electronics List of Unclassifed Manufacturers Shanghai Lunsure Electr...
|
HZK24L HZK20L HZK11CL HZK6CL HZK12L HZK6BL HZK16L |
Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply Diodes>Zener
|
Renesas Electronics Corporation
|
1N5356B 1N5364B 1N5347B 1N5349B 1N5339B 1N5371B 1N |
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 16 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 47 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 12 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 3.3 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 6 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.300 VOLTS 5瓦稳压稳压二极管3.30 MOSFET P-CH 250V 200MA SOT-89 500 mW DO-35 Glass Zener Voltage Regulator Diodes From old datasheet system Silicon-Power-Z-Diodes (non-planar technology)
|
Microsemi, Corp. Motorola Mobility Holdings, Inc. Motorola Inc Motorola, Inc. MOTOROLA[Motorola Inc] ON Semi MOTOROLA[Motorola, Inc] Diotec Elektronische
|
MM1.3W10 MM1.3W11 MM1.3W100 MM1.3W110 MM1.3W12 MM1 |
S ilicon Planar Zener Diodes Silicon Planar Zener Diodes
|
TY Semiconductor Co., Ltd TY Semicondutor
|
SMZ107 SMZ6.2 SMZ6.8 SMZ62 SMZ68 SMZ9.1 SMZ91 SMZ1 |
surface mount silicon Zener diodes 8.2 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Surface Mount Silicon-Zener Diodes (non-planar technology)
|
Diotec Semiconductor AG
|
HZM4.3FA HZM43FA |
surface mount silicon Zener diodes Silicon Epitaxial Planar Zener Diode for Surge Absorb
|
Hitachi,Ltd. Hitachi Semiconductor Renesas Electronics Corporation
|
|