PART |
Description |
Maker |
HT9281 |
(HT9281 - HT9284) TinyPower Operation Amplifier
|
Holtek Semiconductor
|
HT7233 HT7230 |
300mA TinyPower LDO
|
Holtek Semiconductor
|
HT45R37V |
TinyPower C/R-F Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HT56R22 HT56R24 |
TinyPower A/D Type 8-Bit OTP MCU
|
Holtek Semiconductor
|
HT56R66 HT56R666 |
TinyPower A/D Type with LCD 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
TC1029EUA TC1029 TC1029EOA TC1029EPA |
The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from ... The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from a single supply, however, operation from dual supplies is also possible, and the power supply current drai Linear Building Block - Dual Low Power Op Amp
|
MICROCHIP[Microchip Technology]
|
IR94558 IR94558N IR94559 IR94559N |
Low Noise Dual Operation Amplifier
|
SHARP[Sharp Electrionic Components]
|
NJU8713 NJU8713V |
2V Operation Switching Driver for Class D Amplifier 2V操作开关D类放大器驱动
|
New Japan Radio Co., Ltd.
|
MS6891 MS6891GTR MS6891GU MS6891MGTR MS6891MGU |
Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
|
MOSA ELECTRONICS
|
MAX98309EWL MAX98310EWL MAX9705AEUB |
Mono 1.4W Class AB Audio Amplifiers 2.5V to 5.5V Supply Operation 2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier 2.3 W, 1 CHANNEL, AUDIO AMPLIFIER, PDSO10
|
Maxim Integrated Products, Inc.
|
2SC9013 |
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
|
USHA India LTD
|