PART |
Description |
Maker |
FYS-3014BX-01 |
0.30 Inch (7.80mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-23012AX-40 FYS-23012AX-41 |
2.30 Inch (56.80mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
MSQ6911 MSQ6441C MSQ6911C MSQ6941C MSQ6111C MSQ614 |
0.56 INCH (14.2 MM) FOUR DIGIT STICK DISPLAY From old datasheet system 0.56 INCH (14.2MM) FOUR DIGIT STICK DISPLAY High Efficiency Red 0.56 inch (14.2 mm) Three Digit Stick Display
|
FAIRCHILD [Fairchild Semiconductor] FAIRCHILD[Fairchild Semiconductor]
|
HDSP-521A HDSP-523A-LL000 HDSP-521A-JJ000 HDSP-521 |
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22毫米.56英寸)双位数字通用七段显示 Aluminum Electrolytic Radial Leaded Wide Temp Capacitor; Capacitance: .22uF; Voltage: 200V; Case Size: 5x11 mm; Packaging: Bulk HDSP-521A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display HDSP-523A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
|
3M Company Atmel, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
BV-C306RD |
0.30(7.80MM)FIVE DIGIT LED DISPLAY
|
BRIGHT LED ELECTRONICS CORP
|
MST4441C MST4911C MST4111C MST4141C MST4941C MST44 |
0.4 INCH (10.2MM) THREE DIGIT STICK DISPLAY High Efficiency Red 0.52 inch (13.2 mm) Three Digit Stick Display
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
LTS-547AHR |
0.52 Inch (13.2 mm) digit height single digit seven-segment display From old datasheet system
|
光宝科技股份有限公司 Lite-On Technology Corporation
|
FYE-1000BZX-00 FYE-1000BZX-01 |
10.00 Inch (254.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-40011EX-10 FYS-40011FX-20 |
4.00 Inch (101.60mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-5014BX-00 FYS-5014BX-01 |
0.50 Inch (12.70mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
LSHD-F101 |
0.39 inch (10.0mm) digit height single-digit display
|
光宝科技股份有限公司 Lite-On Technology Corporation
|